Electronic Components Datasheet Search
  English  ▼

X  

B4230 Datasheet(PDF) 5 Page - EPCOS

Part # B4230
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4230 Datasheet(HTML) 5 Page - EPCOS

  B4230 Datasheet HTML 1Page - EPCOS B4230 Datasheet HTML 2Page - EPCOS B4230 Datasheet HTML 3Page - EPCOS B4230 Datasheet HTML 4Page - EPCOS B4230 Datasheet HTML 5Page - EPCOS B4230 Datasheet HTML 6Page - EPCOS B4230 Datasheet HTML 7Page - EPCOS B4230 Datasheet HTML 8Page - EPCOS B4230 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Jul 10, 2002
SAW Components
B4230
942,5 / 1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2 ( PCN )
Operating temperature range:
T
= 25
± 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
...1880,0
MHz
2,7
3,0
dB
Amplitude ripple (p-p)
∆α
1805,0
...1880,0
MHz
1,3
1,6
dB
Input VSWR
1805,0
...1880,0
MHz
2,1
2,3
Output VSWR
1805,0
...1880,0
MHz
2,1
2,3
Attenuation
α
min
0,0
...1480,0
MHz
33
37
dB
1480,0
...1765,0
MHz
25
29
dB
1765,0
...1785,0
MHz
10
12
dB
1920,0
...1980,0
MHz
20
24
dB
1980,0
...4000,0
MHz
23
27
dB
4000,0
...5000,0
MHz
15
22
dB
5000,0
...6000,0
MHz
6
9
dB
Input reflection coefficient @ 942,5 MHz
Phase
-150
-140
-130
˚



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com