Electronic Components Datasheet Search
  English  ▼

X  

B4231 Datasheet(PDF) 2 Page - EPCOS

Part # B4231
Description  SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4231 Datasheet(HTML) 2 Page - EPCOS

  B4231 Datasheet HTML 1Page - EPCOS B4231 Datasheet HTML 2Page - EPCOS B4231 Datasheet HTML 3Page - EPCOS B4231 Datasheet HTML 4Page - EPCOS B4231 Datasheet HTML 5Page - EPCOS B4231 Datasheet HTML 6Page - EPCOS B4231 Datasheet HTML 7Page - EPCOS B4231 Datasheet HTML 8Page - EPCOS B4231 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Apr 10, 2006
B4231
860.5 / 938.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 Filter
Preliminary Data
Application
s
Low-loss 2in1 RF filter for iDEN
s
Device with two integrated Rx filters
s
Low amplitude ripple
s
Usable passband Filter 1: 19.0 MHz
s
Usable passband Filter 2: 6.0 MHz
s
No matching network required for operation at 50
s
Unbalanced to unbalanced operation for both filters
Features
s
Package size 2.5 x 3.0 x 0.98 mm3
s
Package code QCC8E
s
Approx. weight 0.027 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
RoHS compliant
s
Ni, gold-plated terminals
Pin configuration
s
1
Input [Filter 1]
s
7
Output [Filter 1]
s
3
Input [Filter 2]
s
5
Output [Filter 2]
s
2,6
To be grounded
s
4,8
Case ground
1
2,4
3
7
6,8
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com