Electronic Components Datasheet Search
  English  ▼

X  

B4233 Datasheet(PDF) 7 Page - EPCOS

Part # B4233
Description  SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4233 Datasheet(HTML) 7 Page - EPCOS

Back Button B4233 Datasheet HTML 3Page - EPCOS B4233 Datasheet HTML 4Page - EPCOS B4233 Datasheet HTML 5Page - EPCOS B4233 Datasheet HTML 6Page - EPCOS B4233 Datasheet HTML 7Page - EPCOS B4233 Datasheet HTML 8Page - EPCOS B4233 Datasheet HTML 9Page - EPCOS B4233 Datasheet HTML 10Page - EPCOS B4233 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Jan 26, 2006
SAW Components
B4233
390,0 / 420,0 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 2
Operating temperature range:
T
= +25˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
420,0
—
MHz
Maximum insertion attenuation
α
max
410,0
... 430,0
MHz
—
1,9
2,2
dB
Amplitude ripple (p-p)
∆α
410,0
... 430,0
MHz
—
0,6
1,0
dB
Input return loss
410,0
... 430,0
MHz
10,0
11,5
—
dB
Output return loss
410,0
... 430,0
MHz
10,0
13,5
—
dB
Attenuation
α
abs
0,1
... 150,0
MHz
35,0
42,0
—
dB
204,0
... 216,0
MHz
30,0
41,0
—
dB
246,0
... 270,0
MHz
30,0
41,0
—
dB
272,0
... 301,0
MHz
35,0
41,0
—
dB
328,0
... 344,0
MHz
30,0
42,0
—
dB
345,0
... 360,0
MHz
25,0
31,0
—
dB
369,0
... 387,0
MHz
18,0
23,0
—
dB
451,0
... 473,0
MHz
20,0
23,0
—
dB
477,0
... 491,0
MHz
25,0
35,0
—
dB
492,0
... 516,0
MHz
30,0
39,0
—
dB
532,0
... 573,0
MHz
30,0
38,0
—
dB
574,0
... 602,0
MHz
33,0
39,0
—
dB
602,0
...1000,0
MHz
27,0
34,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com