Electronic Components Datasheet Search
  English  ▼

X  

B4235 Datasheet(PDF) 4 Page - EPCOS

Part # B4235
Description  SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5/1842,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4235 Datasheet(HTML) 4 Page - EPCOS

  B4235 Datasheet HTML 1Page - EPCOS B4235 Datasheet HTML 2Page - EPCOS B4235 Datasheet HTML 3Page - EPCOS B4235 Datasheet HTML 4Page - EPCOS B4235 Datasheet HTML 5Page - EPCOS B4235 Datasheet HTML 6Page - EPCOS B4235 Datasheet HTML 7Page - EPCOS B4235 Datasheet HTML 8Page - EPCOS B4235 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
July 14, 2005
SAW Components
B4235
942,5/1842,5 MHz
Low-Loss Dual Band Filter for Mobile Communication
Data Sheet
Characteristics Filter 1 ( GSM900 )
Operating temperature range:
T
= -20 to +75˚ C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω (balanced) || 68 nH
min.
typ.
max.
Center frequency
fc
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
1,8
2,5
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
0,9
1,5
dB
Input VSWR
925,0
... 960,0
MHz
—
1,9
2,1
Output VSWR
925,0
... 960,0
MHz
—
1,9
2,1
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-2,5
—
2,5
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-12,0
—
12,0
degree
Absolute attenuation
α
abs
10,0
... 480,0
MHz
45,0
50,0
—
dB
480,0
... 880,0
MHz
30,0
38,0
—
dB
880,0
... 905,0
MHz
24,0
27,0
—
dB
905,0
... 915,0
MHz
11,0
18,0
—
dB
980,0
...1050,0
MHz
23,0
30,0
—
dB
1050,0
...3500,0
MHz
30,0
34,0
—
dB
3500,0
...4500,0
MHz
22,0
26,0
—
dB
4500,0
...6000,0
MHz
15,0
17,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com