Electronic Components Datasheet Search
  English  ▼

X  

B4236 Datasheet(PDF) 3 Page - EPCOS

Part # B4236
Description  SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 3 Page - EPCOS

  B4236 Datasheet HTML 1Page - EPCOS B4236 Datasheet HTML 2Page - EPCOS B4236 Datasheet HTML 3Page - EPCOS B4236 Datasheet HTML 4Page - EPCOS B4236 Datasheet HTML 5Page - EPCOS B4236 Datasheet HTML 6Page - EPCOS B4236 Datasheet HTML 7Page - EPCOS B4236 Datasheet HTML 8Page - EPCOS B4236 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Oct 14, 2005
SAW Components
B4236
769,0/809,5 MHz
Low-Loss ’2 in 1’ Filter for Mobile Communication
Preliminary Data
Characteristics filter 1
Operating temperature range:
T
= 25
± 2 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
—
809,5
—
MHz
Maximum insertion attenuation
α
max
794,0
... 825,0
MHz
—
2,3
2,8
dB
Amplitude ripple (p-p)
∆α
794,0
... 825,0
MHz
—
0,9
1,4
dB
Group delay ripple (p-p)
∆τ
794,0
... 825,0
MHz
—
27,0
50,0
ns
Return loss (Input and Output)
794,0
... 825,0
MHz
8,0
9,0
—
dB
Absolute attenuation
α
abs
0,0
... 777,0
MHz
20
28
—
dB
851,0
...1564,5
MHz
20
39
—
dB
1564,5
...1594,5
MHz
30
43
—
dB
2326,5
...2371,5
MHz
36
41
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com