Electronic Components Datasheet Search
  English  ▼

X  

B4843 Datasheet(PDF) 3 Page - EPCOS

Part # B4843
Description  SAW Components Low-Loss Filter for Mobile Communication 360,00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4843 Datasheet(HTML) 3 Page - EPCOS

  B4843 Datasheet HTML 1Page - EPCOS B4843 Datasheet HTML 2Page - EPCOS B4843 Datasheet HTML 3Page - EPCOS B4843 Datasheet HTML 4Page - EPCOS B4843 Datasheet HTML 5Page - EPCOS B4843 Datasheet HTML 6Page - EPCOS B4843 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Apr 11, 2002
SAW Components
B4843
360,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Ambient temperature:
T
= -20˚C to +75˚C
Terminating source impedance:
ZS = 780 Ω || -1,9 pF
Terminating load impedance:
ZL = 780 Ω || -1,9 pF
1) Temperature dependence of f
c:fc(T) = fc(T0)(1 + TCf(T – T0)
2)
*) In the frequency range from 357,8 MHz to 358,2 MHz there exists one spurious response with
a maximum 3 dB - bandwidth of 150 kHz. The minimum attenuation
α
rel of this spurious
response is more than 46 dB.
min.
typ.
max.
Nominal frequency
fN
—
360,00
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
including loss in matching network
α
min
5,0
5,6
6,4
dB
excluding loss in matching elements
α
min
4,3
4,9
5,5
dB
Amplitude ripple (p-p)
∆α
fN -67,5kHz .. fN+67,5 kHz
—
0,5
2,0
dB
fN -80,0 kHz .. fN+80,0 kHz
—
0,5
3,0
dB
Group delay ripple (p-p)
∆τ
fN -67,5 kHz .. fN+67,5 kHz
—
0,50
1,5
µs
fN -80,0 kHz .. fN+80,0 kHz
—
0,65
2,0
µs
Relative attenuation (relative to
α
min)
α
rel
fN ± 300 kHz ... fN ± 400 kHz
8
16
—
dB
fN ± 400 kHz ... fN ± 600 kHz
21
25
—
dB
fN ± 600 kHz ... fN ± 800 kHz
35
38
—
dB
fN ± 800 kHz ... fN ± 1,6 MHz
40
46
—
dB
fN ± 1,6 MHz ... fN ± 3,0 MHz
48*)
54
—
dB
fN ± 3,0 MHz ... fN ± 4,0 MHz
50
55
—
dB
fN ± 4,0 MHz ... fN ± 15 MHz
50
65
—
dB
Impedance within the pass band
Input:
ZIN
=
RIN
||
CIN
—
780 || 1,9
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
780 || 1,9
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,028
—
ppm/K2
Turnover temperature
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com