Electronic Components Datasheet Search
  English  ▼

X  

B4846 Datasheet(PDF) 4 Page - EPCOS

Part # B4846
Description  SAW Components Low-Loss Filter for Mobile Communication 225,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4846 Datasheet(HTML) 4 Page - EPCOS

  B4846 Datasheet HTML 1Page - EPCOS B4846 Datasheet HTML 2Page - EPCOS B4846 Datasheet HTML 3Page - EPCOS B4846 Datasheet HTML 4Page - EPCOS B4846 Datasheet HTML 5Page - EPCOS B4846 Datasheet HTML 6Page - EPCOS B4846 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Feb 03, 2005
SAW Components
B4846
225,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +75˚C
Terminating source impedance:
ZS = 860 Ω || −2,0pf
Terminating load impedance:
ZL = 860 Ω || −2,0pf
min.
typ.
max.
Nominal frequency
fN
—
225,00
—
MHz
Minimum insertion attenuation
α
min
3,0
3,9
5,0
dB
(including loss in baluns and matching elements)
Amplitude ripple (p-p)
∆α
fN - 67,5 kHz
...
fN + 67,5 kHz
—
0,7
2,2
dB
fN - 80,0 kHz
...
fN + 80,0 kHz
—
0,8
3,2
dB
Group delay ripple (p-p)
∆τ
fN - 50,0 kHz
...
fN + 50,0 kHz
—
0,2
1,3
µs
fN - 67,5 kHz
...
fN + 67,5 kHz
—
0,4
1,6
µs
fN - 80,0 kHz
...
fN + 80,0 kHz
—
0,7
1,8
µs
Relative attenuation (relative to
α
min)
α
rel
fN - 15,00 MHz ...
fN - 5,00 MHz
42
45
—
dB
fN - 5,00 MHz
...
fN - 2,00 MHz
43
46
—
dB
fN - 2,00 MHz
...
fN - 0,60 MHz
35
37
—
dB
fN - 0,60 MHz
...
fN - 0,40 MHz
26
29
—
dB
fN - 0,40 MHz
...
fN - 0,20 MHz
5
13
—
dB
fN + 0,20 MHz
...
fN + 0,40 MHz
5
11
—
dB
fN + 0,40 MHz
...
fN + 0,60 MHz
26
29
—
dB
fN + 0,60 MHz
...
fN + 2,00 MHz
35
37
—
dB
fN + 2,00 MHz
...
fN + 5,00 MHz
43
47
—
dB
fN + 5,00 MHz
...
fN + 15,00 MHz
42
45
—
dB
Impedance within the passband
Input:
ZIN
=
RIN
||
CIN
—
860 || 2,0
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
860 || 2,0
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,036
—
ppm/K2
Frequency inversion point
T0
—25
—
˚C
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com