Electronic Components Datasheet Search
  English  ▼

X  

B4874 Datasheet(PDF) 4 Page - EPCOS

Part # B4874
Description  SAW Components Low Loss Filter for Mobile Communication 85,38 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4874 Datasheet(HTML) 4 Page - EPCOS

  B4874 Datasheet HTML 1Page - EPCOS B4874 Datasheet HTML 2Page - EPCOS B4874 Datasheet HTML 3Page - EPCOS B4874 Datasheet HTML 4Page - EPCOS B4874 Datasheet HTML 5Page - EPCOS B4874 Datasheet HTML 6Page - EPCOS B4874 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3
May 08, 2001
SAW Components
B4874
85,38 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30˚C ... 85˚C
Terminating source impedance:
ZS = 1000 Ω || 2600 nH
Terminating load impedance:
ZL = 1000 Ω || 2600 nH
1) Temperature dependance of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2)
min.
typ.
max.
Nominal frequency
fN
—
85,38
—
MHz
3 dB Bandwidth
+-14
—
—
kHz
Minimum insertion attenuation
α
min
—
3,0
4,5
dB
(including losses in the matching network)
Amplitude ripple (p-p)
∆α
fN –
12,0 kHz ... fN +
12,0 kHz
—
0,3
1,5
dB
Group delay ripple (p-p)
∆τ
fN –
12,0 kHz ... fN +
12,0 kHz
—
3,0
10,0
µs
Relative attenuation (relative to
α
min)
α
rel
fN ±
14,0 kHz
—
0,5
3,0
dB
fN ±
60,0 kHz ... fN ± 120,0 kHz
25
32
—
dB
fN ± 120,0 kHz
45
57
—
dB
fN ± 120,0 kHz ... fN ±
2,5 MHz
40
57
—
dB
Impedance within the passband
Input:
ZIN
=
RIN
||
CIN
—
1000 || 1,4
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1000 || 1,4
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com