Electronic Components Datasheet Search
  English  ▼

X  

B4937 Datasheet(PDF) 3 Page - EPCOS

Part # B4937
Description  SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4937 Datasheet(HTML) 3 Page - EPCOS

  B4937 Datasheet HTML 1Page - EPCOS B4937 Datasheet HTML 2Page - EPCOS B4937 Datasheet HTML 3Page - EPCOS B4937 Datasheet HTML 4Page - EPCOS B4937 Datasheet HTML 5Page - EPCOS B4937 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 11, 2000
SAW Components
B4937
109,8 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -35 to +85 ˚C
Terminating source impedance:
ZS = 1200 Ω || 120 nH
Terminating load impedance:
ZL = 1000 Ω || 110 nH
Test Matching Network to bal. 200
Ω / unbal. 50Ω (element values depend on PCB layout)
min.
typ.
max.
Nominal frequency
fN
—
109,8
—
MHz
Minimum insertion attenuation
(including losses in matching circuit)
α
min
—
8,5
10,0
dB
Amplitude ripple (p-p)
∆α
fN – 0,3 MHz
...
fN + 0,3 MHz
—
0,4
1,0
dB
Phase Linearity (rms)
∆τ
fN – 0,614 MHz ...
fN + 0,614 MHz
—
1,5
3,0
˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,614 MHz
—
4,0
5,0
dB
fN – 2,05 MHz
38
42
—
dB
fN – 1,7
MHz
40
45
—
dB
fN – 1,25 MHz
35
39
—
dB
fN – 0,9
MHz
35
38
—
dB
fN + 0,9
MHz
35
38
—
dB
fN + 1,25 MHz
33
35
—
dB
fN + 1,7
MHz
40
45
—
dB
fN + 2,05 MHz
38
42
—
dB
fN – 25 MHz
...
fN – 1,7 MHz
36
40
—
dB
fN – 1,7 MHz
...
fN – 0,9 MHz
33
38
—
dB
fN + 0,9 MHz
...
fN + 1,7 MHz
33
35
—
dB
fN + 1,7 MHz
...
fN + 25 MHz
36
40
—
dB
Cs1 = 6,8 pF
Cs2 = 6,8 pF
Lp3 = 82 nH
Cp4 = 2,7 pF
Lp5 = 68 nH
Cp6 = 1,2 pF
Cs7 = 6,8 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com