Electronic Components Datasheet Search
  English  ▼

X  

SDA180B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA180B
Description  15 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA180B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA180B Datasheet HTML 1Page - Solid States Devices, Inc SDA180B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
Average Output Current 15 Amps
PIV 50 to 1000 Volts
Max Thermal Resistance 1.5oC/Watt
Glass Passivated Rectifier Cells
Hermetically Sealed
Choice of Three Terminal Configurations
SSDI introduces a new and complete series of Ultra Fast
Recovery Doublers and Center Tap Rectifier Circuits.
Designed in cast aluminum cases to provide maximum
thermal conductivity and simple installation.
SDA180A – SD180G
Series
15 AMPS
50 - 1000 VOLTS
RECTIFIER ASSEMBLY
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SDA180A
SDA180B
SDA180C
SDA180D
SDA180E
SDA180F
SDA180G
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Average DC Output Current
TA = Ambient Temp (No Heat Sink) =55oC
IO(DC)
See table
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25oC)
IFSM
150
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RθJC
1.5
ºC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0033A
DOC


Similar Part No. - SDA180B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDA188ADCAUF SSDI-SDA188ADCAUF Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
SDA188ADCAUFS SSDI-SDA188ADCAUFS Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
SDA188ADCAUFTX SSDI-SDA188ADCAUFTX Datasheet
82Kb / 2P
50 Amps Centertap Ultra Fast Rectifier Assembly 400 - 900 Volts
More results

Similar Description - SDA180B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
logo
Shanghai Lunsure Electr...
MR750 CHENYI-MR750 Datasheet
60Kb / 3P
6Amp rectifier 50-1000 volts
MR2400FR CHENYI-MR2400FR Datasheet
118Kb / 3P
24Amp rectifier 50-1000 volts
RL101 CHENYI-RL101 Datasheet
49Kb / 3P
1Amp rectifier 50-1000 volts
logo
Micro Commercial Compon...
GBJA15005 MCC-GBJA15005 Datasheet
473Kb / 3P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
MP2505WGP MCC-MP2505WGP Datasheet
287Kb / 3P
Glass Passivated Bridge Rectifier 50 to 1000 Volts 25 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com