Electronic Components Datasheet Search
  English  ▼

X  

B4944 Datasheet(PDF) 4 Page - EPCOS

Part # B4944
Description  SAW Components Low-Loss Filter for Mobile Communication 181,80 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4944 Datasheet(HTML) 4 Page - EPCOS

  B4944 Datasheet HTML 1Page - EPCOS B4944 Datasheet HTML 2Page - EPCOS B4944 Datasheet HTML 3Page - EPCOS B4944 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2
Sept 6, 2002
SAW Components
B4944
181,80 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic package QCC8B
Features
q
Low-loss IF filter for mobile telephone TDMA
systems, transmit path
q
Low amplitude ripple
q
Usable passbands 30 kHz
q
Balanced to balanced operation
q
Impedance transformation from 100
Ω to 200 Ω
q
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,07 g
Pin configuration
1, 3
Balanced Input
5, 7
Balanced Output
2, 6
To be grounded
4, 8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4944
B39181-B4944-Z810
C61157-A7-A46
F61074-V8037-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3V
Source power
PIN
0
dBm
source impedance 50
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com