Electronic Components Datasheet Search
  English  ▼

X  

B4953 Datasheet(PDF) 5 Page - EPCOS

Part # B4953
Description  SAW Components Low-Loss Filter for Mobile Communication 380,00 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4953 Datasheet(HTML) 5 Page - EPCOS

  B4953 Datasheet HTML 1Page - EPCOS B4953 Datasheet HTML 2Page - EPCOS B4953 Datasheet HTML 3Page - EPCOS B4953 Datasheet HTML 4Page - EPCOS B4953 Datasheet HTML 5Page - EPCOS B4953 Datasheet HTML 6Page - EPCOS B4953 Datasheet HTML 7Page - EPCOS B4953 Datasheet HTML 8Page - EPCOS B4953 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3
24 May 2002
SAW Components
B4953
380,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= 25˚C
Terminating source impedance:
ZS = 200 Ω
Terminating load impedance:
ZL = 200 Ω
min.
typ.
max.
Center frequency
fc
380,0
MHz
Maximum insertion attenuation
α
max
378,08
... 381,92 MHz
1,8
2,0
dB
Amplitude ripple (p-p)
∆α
378,08
... 381,92 MHz
0,4
0,7
dB
Root mean square of phase delay variation
rms
378,08
... 381,92 MHz
1,0
1,5
degree
Attenuation
α
50,00
... 330,00 MHz
50
58
dB
330,00
... 360,00 MHz
40
45
dB
360,00
... 370,00 MHz
30
35
dB
390,00
... 400,00 MHz
14
17
dB
400,00
... 405,00 MHz
30
33
dB
405,00
... 420,00 MHz
33
36
dB
420,00
... 800,00 MHz
40
47
dB
Input and output return loss
378,08
... 381,92 MHz
10
12
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com