Electronic Components Datasheet Search
  English  ▼

X  

B4955 Datasheet(PDF) 3 Page - EPCOS

Part # B4955
Description  SAW Components Low-Loss Filter for Mobile Communication 183,6 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4955 Datasheet(HTML) 3 Page - EPCOS

  B4955 Datasheet HTML 1Page - EPCOS B4955 Datasheet HTML 2Page - EPCOS B4955 Datasheet HTML 3Page - EPCOS B4955 Datasheet HTML 4Page - EPCOS B4955 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jun 12, 2003
SAW Components
B4955
183,6 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Specified temperature range:
T
= –30˚C .. +85 ˚C
Terminating source impedance:
ZS = 300Ω || 44nH
Terminating load impedance:
ZL = 675Ω || 54nH
min.
typ.
max.
Nominal frequency
fN
183,6
MHz
Minimum insertion attenuation
α
min
8,1
9,5
dB
(including loss in matching network without loss in balun)
Amplitude ripple
∆α
fN – 0,3 MHz
...
fN + 0,3 MHz
0,6
1,2
dB
Phase linearity (rms deviation)
fN – 0,615MHz ...
fN + 0,615 MHz
1,3
2,8
˚
Relative attenuation (relative to
α
min)
α
rel
fN ± 0,615MHz
4,0
5,5
dB
fN – 0,9 MHz
33
39
dB
fN + 0,9 MHz
33
45
dB
fN – 1,25 MHz
33
44
dB
fN + 1,25 MHz
33
39
dB
fN – 1,7 MHz
33
37
dB
fN + 1,7 MHz
33
43
dB
fN ± 2,05 MHz
33
42
dB
fN – 9,0 MHz
...
fN – 1,25 MHz
33
35
dB
fN + 1,25 MHz
...
fN + 9,0 MHz
33
37
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com