Electronic Components Datasheet Search
  English  ▼

X  

B4957 Datasheet(PDF) 3 Page - EPCOS

Part # B4957
Description  SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4957 Datasheet(HTML) 3 Page - EPCOS

  B4957 Datasheet HTML 1Page - EPCOS B4957 Datasheet HTML 2Page - EPCOS B4957 Datasheet HTML 3Page - EPCOS B4957 Datasheet HTML 4Page - EPCOS B4957 Datasheet HTML 5Page - EPCOS B4957 Datasheet HTML 6Page - EPCOS B4957 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2
Mar 02, 2004
SAW Components
B4957
128,1 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
bottom view
side view
top view
8,7
2,54
0,75
1,0
7
2
8
6
1
3
SMD package QCC10E
Dimensions in mm, approx. weight 0,23 g
Features
s
IF filter for mobile telephone
s
Channel selection in CDMA systems
s
High rejection, small size
s
Low insertion attenuation, low amplitude ripple
s
Filter surface passivated
s
Package for Surface Mounted Technology (SMT)
Terminals
s
Gold plated
Pin configuration
9, 10
Balanced Output
4
Input or Input Ground
5
Input
2, 7
Ground
1, 3, 6, 8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4957
B39131-B4957-H710
C61157-A7-A127
F61074-V8192-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com