Electronic Components Datasheet Search
  English  ▼

X  

B5007 Datasheet(PDF) 3 Page - EPCOS

Part # B5007
Description  SAW Components Low-Loss Filter 143,25 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5007 Datasheet(HTML) 3 Page - EPCOS

  B5007 Datasheet HTML 1Page - EPCOS B5007 Datasheet HTML 2Page - EPCOS B5007 Datasheet HTML 3Page - EPCOS B5007 Datasheet HTML 4Page - EPCOS B5007 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Jun 08, 2004
SAW Components
B5007
143,25 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T=
0 .. 70 ˚C
Terminating source impedance:
ZS=50 Ω unbalanced and matching network
Terminating load impedance:
ZL=50 Ω unbalanced and matching network
1) k = (-1,0,1)
2) Temperature dependance of fc: fc(T
A) = fc(T0)(1 + TCf(TA –T0)
2)
min.
typ.
max.
Nominal frequency
fN
—
143,25
—
MHz
Minimum insertion attenuation
α
min
—
18,5
22,0
dB
(including matching network)
Passband width
α
rel ≤ 1,5 dB
B1,5dB
3,78
3,95
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 1,89 MHz
—
1,0
1,5
dB
fN ± 1,85 MHz
—
0,6
1,0
dB
Group delay ripple (p-p)
∆τ
fN ± 1,875 MHz
—
300
400
ns
fN ± 1,775 MHz
—
150
220
ns
Difference of mean group delay in adj. channel 1)
fN + k∗1,25 MHz ∆τch
—
8
30
ns
Absolute Group delay
fN ± 1,875 MHz τ
1,8
2,0
2,35
µs
Phase Linearity1) (rms)
∆ϕ
fN + k*1,25 MHz ± 0,625 MHz
—
1,0
2,0
˚
Average Error Vector Magnitude1)
EVM
fN + k*1,25 MHz ± 0,625 MHz
—
2,5
4,0
%
Relative attenuation (relative to
α
min)
α
rel
fN ± 2,13 MHz ...
fN ± 2,93 MHz
22
27
—
dB
fN ± 2,93 MHz ...
fN ± 35
MHz
35
40
—
dB
fN ± 35
MHz ...
fN ± 45 MHz
40
55
—
dB
Temperature coefficient of frequency2)
TCf
—
– 0,036
—
ppm/K2
Turnover temperature
T0
—35—
˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com