Electronic Components Datasheet Search
  English  ▼

X  

B5013 Datasheet(PDF) 3 Page - EPCOS

Part # B5013
Description  SAW Components Low-Loss Filter 860,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5013 Datasheet(HTML) 3 Page - EPCOS

  B5013 Datasheet HTML 1Page - EPCOS B5013 Datasheet HTML 2Page - EPCOS B5013 Datasheet HTML 3Page - EPCOS B5013 Datasheet HTML 4Page - EPCOS B5013 Datasheet HTML 5Page - EPCOS B5013 Datasheet HTML 6Page - EPCOS B5013 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Nov 30, 2004
SAW Components
B5013
860,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = +15 ... +35 ˚C
Terminating source impedance:
ZS = 50 Ω unbalanced to balanced operation
Terminating load impedance:
ZL = 50 Ω unbalanced to balanced operation
min.
typ.
max.
Nominal frequency
fN
—
860,5
—
MHz
Maximum insertion attenuation
α
max
851,0 MHz ... 870,0 MHz
—
3,0
3,9
dB
Amplitude ripple (p-p)
∆α
851,0 MHz ... 870,0 MHz
—
0,9
1,5
dB
VSWR (Input)
851,0 MHz ... 870,0 MHz
—
2,2
2,4
VSWR (Output)
851,0 MHz ... 870,0 MHz
—
2,6
2,8
Absolute attenuation
α
abs
0,1 MHz ... 708,0 MHz
42
44
—
dB
708,0 MHz ... 789,0 MHz
30
40
—
dB
789,0 MHz ... 825,0 MHz
23
37
—
dB
825,0 MHz ... 841,0 MHz
13
22
—
dB
888,0 MHz ... 950,0 MHz
13
18
—
dB
950,0 MHz ... 2450,0 MHz
22
25
—
dB
2450,0 MHz ... 3700,0 MHz
20
23
—
dB
3700,0 MHz ... 4000,0 MHz
10
18
—
dB
Symmetry in band
|S31|/|S21|
851,0
... 870,0
MHz
-1,5
-0,5
0,5
dB
arg(S31/S21)
851,0
... 870,0
MHz
170
180
190
˚
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com