Electronic Components Datasheet Search
  English  ▼

X  

MP7731 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7731
Description  5W - 30W Class D Mono Bridged Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7731 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7731 Datasheet HTML 1Page - Monolithic Power Systems MP7731 Datasheet HTML 2Page - Monolithic Power Systems MP7731 Datasheet HTML 3Page - Monolithic Power Systems MP7731 Datasheet HTML 4Page - Monolithic Power Systems MP7731 Datasheet HTML 5Page - Monolithic Power Systems MP7731 Datasheet HTML 6Page - Monolithic Power Systems MP7731 Datasheet HTML 7Page - Monolithic Power Systems MP7731 Datasheet HTML 8Page - Monolithic Power Systems MP7731 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP7731 – 5W – 30W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7731 Rev. 1.8
www.MonolithicPower.com
4
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 1, VDD=16.5V, TA=25°C, unless otherwise noted.
100M
1
10
50
100M
1
10
50
100M
1
10
50
100M
1
10
50
100M
1
10
50
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
THD+N vs Output Power
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
THD+N vs Output Power
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
THD+N vs Output Power
100
90
80
70
60
50
40
30
20
10
0
OUTPUT POWER (W)
Efficiency vs Output Power
40
35
30
25
20
15
10
5
0
0
5
10
15
20
25
5
10
15
20
SUPPLY VOLTAGE (VDD)
Output Power vs Supply Voltage
THD=10%
VDD=12V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
20
100
1K
10K20K
FREQUENCY (Hz)
FFT Noise Floor
16K FFT
A-wtd
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
100M
1
10
50
OUTPUT POWER (W)
THD+N vs Output Power
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
THD+N vs Output Power
50
20
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
OUTPUT POWER (W)
THD+N vs Output Power



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com