Electronic Components Datasheet Search
  English  ▼

X  

EV0041 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EV0041
Description  High Current Integrated Half Bridge Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0041 Datasheet(HTML) 4 Page - Monolithic Power Systems

  EV0041 Datasheet HTML 1Page - Monolithic Power Systems EV0041 Datasheet HTML 2Page - Monolithic Power Systems EV0041 Datasheet HTML 3Page - Monolithic Power Systems EV0041 Datasheet HTML 4Page - Monolithic Power Systems EV0041 Datasheet HTML 5Page - Monolithic Power Systems EV0041 Datasheet HTML 6Page - Monolithic Power Systems EV0041 Datasheet HTML 7Page - Monolithic Power Systems EV0041 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP8040 – HIGH CURRENT INTEGRATED HALF BRIDGE + DRIVER
MP8040 Rev. 1.5
www.MonolithicPower.com
4
5/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name
Description
1
PWM
Driver Logic Input. Drive PWM with the signal that controls the MP8040 output. Drive PWM
high to turn on the high-side switch; drive PWM low to turn on the low-side switch.
2
SP
Power Supply Input. Connect SP to the positive side of the input power supply. Bypass SP
to GND as close to the IC as possible.
3
SW
Switched Output. SW is the power output of the MP8040. Connect the output LC filter to
SW. SW is valid approximately 100µs after SP goes high.
4
GND
Ground. (Note: Connect the exposed pad on the bottom side to Pin 4).
5
BS
Bootstrap Supply. BS powers the high-side gate of the MP8040. Connect a 0.1µF or
greater capacitor between BS and SW.
6
SHDN
Shutdown Input. SHDN enables/disables the MP8040. Drive SHDN low to turn on the
MP8040, drive it high to turn it off. If not used, connect SHDN to GND.
7
DRV
Gate Drive Supply Bypass. The voltage at DRV is supplied from an internal regulator from
SP. DRV powers the internal circuitry and internal MOSFET gate drives. Bypass DRV to
GND with a 0.1µF to 10µF capacitor.
8
FLT
Fault Output. Active-low, open drain. A low output at FLT indicates that the MP8040 has
detected a fault and has shutdown. Connect FLT to DRV through a 100kΩ resistor.
OPERATION
The MP8040 is a general purpose, power
driver. It takes a logic input and drives a half
bridge comprised of 0.1Ω high-side and
low-side N-Channel MOSFET switches.
It operates at frequencies up to 1.2MHz, can
accept a DC supply voltage as high as 25V,
and produce peak output current as high as 9A.
HI DRIVE
LO DRIVE
CURRENT
LIMIT &
FEEDBACK
BS
UVLO
THERMAL
SHUTDOWN
UVLO
INTERNAL
5V REG.
LOGIC
DBS
8
6
1
7
5
2
3
4
DRV
PWM
FLT
SHDN
BS
SP
SW
GND
MP8040_F02
Figure 1—Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com