Electronic Components Datasheet Search
  English  ▼

X  

MP8042 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8042
Description  High Current, Dual Channel Power Half-Bridge
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8042 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8042 Datasheet HTML 1Page - Monolithic Power Systems MP8042 Datasheet HTML 2Page - Monolithic Power Systems MP8042 Datasheet HTML 3Page - Monolithic Power Systems MP8042 Datasheet HTML 4Page - Monolithic Power Systems MP8042 Datasheet HTML 5Page - Monolithic Power Systems MP8042 Datasheet HTML 6Page - Monolithic Power Systems MP8042 Datasheet HTML 7Page - Monolithic Power Systems MP8042 Datasheet HTML 8Page - Monolithic Power Systems MP8042 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP8042 – HIGH CURRENT, DUAL CHANNEL POWER HALF-BRIDGE
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP8042 Rev. 0.9
www.MonolithicPower.com
3
5/23/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VDD1 = VDD2 = 12V,
SHDN
V
= 5V, TA = +25°C, unless otherwise specified.
Parameters
Symbol Condition
Min
Typ
Max
Units
OUT Switching Frequency
VPWM = 0 to 2V, 50% Duty Cycle
0.6
MHz
OUT Maximum Duty Cycle
(5)
VDD = 7.5V, VPWM = 2V,
CBST = 100nF, fSW = 3.3KHz
99.5
%
OUT Rise/Fall Time
(4)
VPWM = 0V to 5V
10
ns
PWM Pulse Width
VPWM = 0V to 2V, High or Low
Pulse
200
ns
Dead Time
(4)
IOUT= ±100mA
30
ns
PWM to OUT Delay Time Rising
VPWM = 0V to 5V
37
45
ns
PWM to OUT Delay Time Falling
VPWM = 5 to 0V
54
65
ns
Thermal Shutdown Temperature
(4)
TJ Rising, Hysteresis = 20°C
150
°C
Notes:
4) Guaranteed by design, not production tested.
5) OUT drives low for 1.5µs every 300µs to charge the BST to SW capacitor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com