Electronic Components Datasheet Search
  English  ▼

X  

MP8801 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8801
Description  Low Dropout 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP8801
Low Dropout
150mA Linear Regulator
MP8801 Rev. 1.6
www.MonolithicPower.com
1
3/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8801 is a low-noise, low-dropout linear
regulator. It operates from a 2.7V to 6.5V input
voltage and regulates the output voltage with
2% accuracy at 2.5V, 2.85V or 3.3V. The
internally set output voltage may be overridden
with an external resistor divider from 1.25V to
5V.
The MP8801 can supply up to 150mA of load
current. The MP8801 features thermal overload
protection and is available in a 5-pin TSOT23-5
package.
FIXED VOLTAGE PART NUMBERS
Part Number
Output Voltage
MP8801DJ–2.5
2.5V
MP8801DJ–2.85
2.85V
MP8801DJ–3.3
3.3V
EVALUATION BOARD REFERENCE
Board Number
Output*
Dimensions
EV8801DJ-00A
2.85V
2.0”X x 2.0”Y x 0.4”Z
* Default output voltage adjustable from 1.25V to 5.0V using an
external resistor divider.
FEATURES
• Low 100mV Dropout at 100mA Output
• 2% Accurate Output Voltage
• Fixed Output Voltage Options of 2.5V,
2.85V or 3.3V
• Adjustable Output Voltage from 1.25V to 5V
using an External Resistor Divider
• Up to 6.5V Input Voltage
• High PSRR
o
70dB at 1KHz
o
30dB at 1MHz
• Better Than 0.001%/mA Load Regulation
• Stable With Low-ESR Output Capacitor
• Low 125µA Ground Current
• Internal Thermal Protection
APPLICATIONS
• 802.11 PC Cards
• Mobile Handset PLL Power
• Audio Codec Power
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8801_TAC_S01
MP8801DJ-X.X
FB
OUT
4
5
GND
2
EN
IN
3
1
OUTPUT
1.5V to 5V
VIN
2.7V to 6.5V
VIN
EN (Pin3)
may be connected
to IN (Pin 1) directly
The sum of
R1 and R2
should not
exceed 100k
R1
R2
160
140
120
100
80
60
40
20
0
0
20 40 60 80 100 120 140 160
ILOAD (mA)
MP8801_EC01
VDROPOUT vs ILOAD


Similar Part No. - MP8801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
MP8801DJ-2.5-LF-Z MPS-MP8801DJ-2.5-LF-Z Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
More results

Similar Description - MP8801

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com