Electronic Components Datasheet Search
  English  ▼

X  

B5026 Datasheet(PDF) 3 Page - EPCOS

Part # B5026
Description  SAW Components Low-Loss Filter 190.00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5026 Datasheet(HTML) 3 Page - EPCOS

  B5026 Datasheet HTML 1Page - EPCOS B5026 Datasheet HTML 2Page - EPCOS B5026 Datasheet HTML 3Page - EPCOS B5026 Datasheet HTML 4Page - EPCOS B5026 Datasheet HTML 5Page - EPCOS B5026 Datasheet HTML 6Page - EPCOS B5026 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jun 06, 2006
B5026
190.00 MHz
SAW Components
Low-Loss Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-30 to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25˚C
max.
Nominal frequency
fN
—
190.0
—
MHz
Minimum insertion attenuation
α
min
—
12.0
15.0
dB
(including matching network)
Passband width
α
rel ≤ 1 dB
B1dB
3.84
4.2
—
MHz
α
rel ≤ 30 dB B30dB
—
4.8
—
MHz
Amplitude ripple (p-p)
fN ± 1.92 MHz ∆α
—
0.7
1.0
dB
Phase ripple (rms)
fN ± 1.92 MHz ∆ϕ
—
1.0
1.5
˚ rms
Absolute group delay
τ
mean value within fN ± 1.92 MHz at 25 ˚C 1)
1)
At other temperatures the variation from filter to filter is also restricted to +/- 5 ns.
From -30 ... +85 ˚ C the variation of mean value of group delay is restricted to +/- 10 ns.
1688
1693
1698
ns
Error vector magnitude
fN ± 1.92 MHz
EVM
—
2.0
—
%
Adjacent channel suppression
ACS
fN ± 3.08 MHz ... fN ± 6.92 MHz
—
50
—
dB
Relative attenuation (relative to
α
min)
α
rel
fN ± 2.515 MHz...fN ± 3.08 MHz
32
38
—
dB
fN ± 3.08 MHz...fN ± 3.5 MHz
37
42
—
dB
fN ±
3.5 MHz...fN ± 20 MHz
40
45
—
dB
Temperature coefficient of frequency 2)
2)
Temperature dependance of fc:fc(TA) = fc(T0) (1 + TCf(TA – T0)2)
TCf
—
–0.036
—
ppm/K2
Turnover temperature
T0
—
20
—
˚C
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
Input Power(passband)
PIN
10
dBm
Input Power(stopband)
PIN
20
dBm
fN ± 5 MHz...fN ± 70 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com