Electronic Components Datasheet Search
  English  ▼

X  

B5032 Datasheet(PDF) 4 Page - EPCOS

Part # B5032
Description  SAW Components Low-Loss Filter 456.00 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5032 Datasheet(HTML) 4 Page - EPCOS

  B5032 Datasheet HTML 1Page - EPCOS B5032 Datasheet HTML 2Page - EPCOS B5032 Datasheet HTML 3Page - EPCOS B5032 Datasheet HTML 4Page - EPCOS B5032 Datasheet HTML 5Page - EPCOS B5032 Datasheet HTML 6Page - EPCOS B5032 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Aug 30, 2006
B5032
456.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data Sheet
Matching network to 200
Ω balanced (element values depend on PCB layout)
4:1 transformer is only required for measurement in a 50
Ω environment
Maximum ratings
Operable temperature range T
–40/+90
˚C
Storage temperature range
Tstg
–40/+90
˚C
DC voltage
VDC
5
V
between input, output and ground
DC voltage
VDC
0
V
between 10,12 and between 4,6
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
Normalized transfer function (pass band)
V
machine model, 1 pulse
Input power
PIN
0
dBm
Cs1, Cs2 not used
Lp1 = 15 nH
Cs3, Cs4 not used
Lp2 = 15 nH
1:4
4:1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com