Electronic Components Datasheet Search
  English  ▼

X  

MP2354DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2354DS
Description  2A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2354DS Datasheet HTML 1Page - Monolithic Power Systems MP2354DS Datasheet HTML 2Page - Monolithic Power Systems MP2354DS Datasheet HTML 3Page - Monolithic Power Systems MP2354DS Datasheet HTML 4Page - Monolithic Power Systems MP2354DS Datasheet HTML 5Page - Monolithic Power Systems MP2354DS Datasheet HTML 6Page - Monolithic Power Systems MP2354DS Datasheet HTML 7Page - Monolithic Power Systems MP2354DS Datasheet HTML 8Page - Monolithic Power Systems MP2354DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2354
2A, 23V, 380KHz
Step-Down Converter
MP2354 Rev. 1.4
www.MonolithicPower.com
1
1/6/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2354 is a monolithic step down switch
mode converter with a built in internal power
MOSFET. It achieves 2A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In
shutdown mode the regulator draws 20µA of
supply current.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2354DS-00A
2.3”X x 1.4”Y x 0.5”Z
FEATURES
• 0.18Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 2A Output Current
• Wide 4.75V to 23V Operating Input Range
• Fixed 380KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Programmable Under Voltage Lockout
• Frequency Synchronization Input
• Operating Temperature: –40°C to +85°C
• Available in an 8-Pin SO Package
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2354
LX
VIN
BST
32
FB
4
6
SYNC
COMP
GND
7
5
RUN
1
8
OUTPUT
3.3V / 2A
INPUT
4.75V to 23V
OPEN
IF NOT USED
OPEN
AUTOMATIC
STARTUP
MP2354_TAC_S01
3.3nF
B230A
10nF
95
90
85
80
75
70
65
60
OUTPUT CURRENT (A)
MP2354_TAC_EC01
Efficiency vs
Output Current
0
1.0
0.5
1.5
2.0
2.5
5.0V
3.3V
2.5V


Similar Part No. - MP2354DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354DS MPS-MP2354DS Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
More results

Similar Description - MP2354DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Monolithic Power System...
MP2362 MPS-MP2362 Datasheet
353Kb / 11P
Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com