Electronic Components Datasheet Search
  English  ▼

X  

B5033 Datasheet(PDF) 4 Page - EPCOS

Part # B5033
Description  SAW Components Low-Loss Filter for WiMAX 556.00 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5033 Datasheet(HTML) 4 Page - EPCOS

  B5033 Datasheet HTML 1Page - EPCOS B5033 Datasheet HTML 2Page - EPCOS B5033 Datasheet HTML 3Page - EPCOS B5033 Datasheet HTML 4Page - EPCOS B5033 Datasheet HTML 5Page - EPCOS B5033 Datasheet HTML 6Page - EPCOS B5033 Datasheet HTML 7Page - EPCOS B5033 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Dec 19, 2005
B5033
556.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
Low-Loss Filter for WiMAX
Data Sheet
Matching network to 50
Ω single ended
(element values depend on PCB layout)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
0
dBm
Ls1 = 22 nH
Lp2 = 10 nH
Lp3 = 10 nH
Ls4 = 18 nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com