Electronic Components Datasheet Search
  English  ▼

X  

B7304 Datasheet(PDF) 3 Page - EPCOS

Part # B7304
Description  SAW Components Low-Loss Filter for Mobile Communication 225,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7304 Datasheet(HTML) 3 Page - EPCOS

  B7304 Datasheet HTML 1Page - EPCOS B7304 Datasheet HTML 2Page - EPCOS B7304 Datasheet HTML 3Page - EPCOS B7304 Datasheet HTML 4Page - EPCOS B7304 Datasheet HTML 5Page - EPCOS B7304 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Dec 19, 2001
SAW Components
B7304
225,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -25 ˚C ... +80 ˚C
Terminating source impedance:
ZS = 1000 Ω || -1,2 pF
Terminating load impedance:
ZL = 1000 Ω || -1,2 pF
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2
min.
typ.
max.
Nominal frequency
fN
—
225,00
—
MHz
Maximum insertion attenuation
α
max
—
5,5
6,5
dB
(Including losses in matching circuit)
Amplitude ripple (p-p)
∆α
fN - 65.0 kHz
...
fN + 65.0 kHz
—
0,3
2,0
dB
fN - 70.0 kHz
...
fN + 70.0 kHz
—
0,4
3,0
dB
Group delay ripple (p-p)
∆τ
fN - 70.0 kHz
...
fN + 70.0 kHz
—
0,8
2,5
µs
Relative attenuation (relative to
α
max)
α
rel
fN - 25,00 MHz
...
fN - 3,00 MHz
45
66
—
dB
fN - 3,00 MHz
...
fN - 1,60 MHz
43
64
—
dB
fN - 1,60 MHz
...
fN - 0,60 MHz
38
49
—
dB
fN - 0,60 MHz
...
fN - 0,40 MHz
27
33
—
dB
fN - 0,40 MHz
...
fN - 0,23 MHz
8
16
—
dB
fN + 0,23 MHz
...
fN + 0,40 MHz
8
14
—
dB
fN + 0,40 MHz
...
fN + 0,60 MHz
27
30
—
dB
fN + 0,60 MHz
...
fN + 1,60 MHz
38
43
—
dB
fN + 1,60 MHz
...
fN + 3,00 MHz
43
60
—
dB
fN + 3,00 MHz
...
fN + 25,00 MHz
45
53
—
dB
Impedance within pass band
Input:
ZIN
=
RIN
||
CIN
—
1000 || 1,2
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
1000 || 1,2
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,039
—
ppm/K2
Frequency inversion point
T0
—25
—
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com