Electronic Components Datasheet Search
  English  ▼

X  

B7630 Datasheet(PDF) 4 Page - EPCOS

Part # B7630
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7630 Datasheet(HTML) 4 Page - EPCOS

  B7630 Datasheet HTML 1Page - EPCOS B7630 Datasheet HTML 2Page - EPCOS B7630 Datasheet HTML 3Page - EPCOS B7630 Datasheet HTML 4Page - EPCOS B7630 Datasheet HTML 5Page - EPCOS B7630 Datasheet HTML 6Page - EPCOS B7630 Datasheet HTML 7Page - EPCOS B7630 Datasheet HTML 8Page - EPCOS B7630 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Jun 09, 2005
SAW Components
B7630
836,5 / 881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range
T
=25 + 2˚C
ANT terminating impedance
ZANT =50 Ω
RX terminating impedance
ZRX =50 Ω
TX terminating impedance
ZTX =50 Ω
Characteristics ANT - RX
min.
typ.
max.
Center frequency
fc
—
881,50
—
MHz
Maximum insertion attenuation
α
max
869,00 ...
894,00 MHz
—
2,7
3,2
dB
Amplitude ripple (p-p)
∆α
869,00 ...
894,00 MHz
—
1,0
1,6
dB
Return loss
ANT - Port
869,00 ...
894,00 MHz
8,0
8,5
—
dB
RX - Port
869,00 ...
894,00 MHz
9,0
10,0
—
dB
Attenuation
α
779,00 ...
804,00 MHz
35
41
—
dB
824,00 ...
849,00 MHz
53,5
56
—
dB
954,00 ... 1700,00 MHz
35
40
—
dB
1700,00 ... 2400,00 MHz
35
44
—
dB
2400,00 ... 2500,00 MHz
30
42
—
dB
2500,00 ... 3000,00 MHz
25
38
—
dB
TX band phase @ RX port reference plane
824,00 ... 849,00 MHz
—
150 -
220
—
˚
Characteristics TX - RX
min.
typ.
max.
Isolation between TX and RX path
α
824,00 ...
849,00 MHz
55
59
—
dB
869,00 ...
894,00 MHz
46
49
—
dB
1648,00 ... 1698,00 MHz
45
55
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com