Electronic Components Datasheet Search
  English  ▼

X  

NCE100ED65VT Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE100ED65VT
Description  650V 100A Trench FS Gen.7 IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE100ED65VT Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE100ED65VT Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE100ED65VT Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Wuxi NCE Power Co., Ltd
Page
preview
2
NCE100ED65VT
http://www.ncepower.com
Thermal Characteristic
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction to case for IGBT
0.24
°C/W
RθJC
Thermal Resistance, Junction to case for Diode
0.28
°C/W
RθJA
Thermal Resistance, Junction to Ambient
40
°C/W
Electrical Characteristics (TC=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
Static Characteristics
V(BR)CES
Collector-Emitter Breakdown Voltage
VGE=0V,ICE=1mA
650
--
--
V
ICES
Collector-Emitter Leakage Current
VGE=0V,VCE=650V
--
--
20
uA
IGES(F)
Gate to Emitter Forward Leakage
VGE=+30V,VCE=0V
--
--
100
nA
IGES(R)
Gate to Emitter Reverse Leakage
VGE=-30V,VCE =0V
--
--
100
nA
VCE(sat)
Collector-Emitter Saturation Voltage
IC=50A
VGE=15V
Tj=25°C
--
1.15
--
V
Tj=175°C
--
1.25
--
V
IC=100A
VGE=15V
Tj=25°C
--
1.45
1.80
V
Tj=175°C
--
1.75
--
V
VGE(th)
Gate Threshold Voltage
IC=1mA,VCE=VGE
4.0
--
5.5
V
Dynamic Characteristics
Cies
Input Capacitance
VCE=25V,VGE=0V,
f=1MHz
5300
6400
7500
pF
Coes
Output Capacitance
--
206
--
Cres
Reverse Transfer Capacitance
--
40
--
Qg
Total Gate Charge
VCC=480V, IC=100A,
VGE=15V
--
197
--
nC
Qge
Gate to Emitter Charge
--
35
--
Qgc
Gate to Collector Charge
--
102
--
Rg
Internal Gate Resistance
f=1MHz
--
1.0
--
Ω
Switching Characteristics
td(ON)
Turn-on Delay Time
VCC=400V,IC=100A,
VGE=0/15V, Rg=6.5Ω,
Inductive Load
--
62
--
ns
tr
Rise Time
--
42
--
td(OFF)
Turn-Off Delay Time
--
261
--
tf
Fall Time
--
35
--
Eon
Turn-On Switching Loss
--
3.9
--
mJ
Eoff
Turn-Off Switching Loss
--
1.4
--
Ets
Total Switching Loss
--
5.3
--



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com