Electronic Components Datasheet Search
  English  ▼

X  

PL03388 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL03388
Description  13 Amp Fused Connection Units
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL03388 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL03388 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
05/04/13
13 Amp
Fused Connection Units
Specifications:
Standard(s)
: BS 1363 Part 4
Rating
: 13 Amp 250V
Switch Type
: Double pole
Contact Gap
: 3mm min.
Terminal Capacity
: 2 × 4mm²
WEEE Directive
: No
Mounting Box Depth(Min)
: 25mm
Fixing Centres
: 60.3mm
Size
: 86mm × 86mm × 28.8mm
Weights & Dimensions:
Dimension (W × L × H) cm
Weight (g)
CMB (m3)
Inner Box
Outer Box
Each
Inner Box
Outer Box
Outer Box
14 × 16.5 × 9.2 28.8 × 48 × 17.2
12
1200
12700
0.02377728
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Connection Unit, 13A 1 Gang
PL03388


Similar Part No. - PL03388

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL03 ETC-PL03 Datasheet
44Kb / 5P
3mm (T1) LED
PL03-CDA02 ETC-PL03-CDA02 Datasheet
44Kb / 5P
3mm (T1) LED
PL03-CDG13 ETC-PL03-CDG13 Datasheet
44Kb / 5P
3mm (T1) LED
logo
P-tec Corporation
PL03-CDG13 P-TEC-PL03-CDG13 Datasheet
29Kb / 1P
3mm (T1) LED
PL03-CDG13 P-TEC-PL03-CDG13 Datasheet
29Kb / 1P
PL03 Series 3mm (T1) LED
More results

Similar Description - PL03388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6700 TI-PT6700 Datasheet
118Kb / 3P
13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Elantec Semiconductor
EL6265C ELANTEC-EL6265C Datasheet
141Kb / 2P
13 Channel, 60MHz, Switched Gain Pre-Amp
logo
American Zettler, Inc.
AZKUP AZETTLER-AZKUP Datasheet
255Kb / 4P
13 AMP GENERAL PURPOSE POWER RELAY
logo
List of Unclassifed Man...
PS5B ETC2-PS5B Datasheet
145Kb / 1P
13 Amp Plug Style Case
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
PHOENIX CONTACT
1676925 PHOENIX-1676925 Datasheet
48Kb / 2P
Screw connection - HC-SKV 13 MS
1853984 PHOENIX-1853984 Datasheet
50Kb / 2P
Half screw connection - VC-M-KV-PG16( 9-13)
1854006 PHOENIX-1854006 Datasheet
49Kb / 3P
Half screw connection - VC-M-KV-PG21( 9-13)
5452628 PHOENIX-5452628 Datasheet
91Kb / 3P
PCB connection terminal block - BC-381X9-13 BK
logo
WECO ELECTRICAL CONNECT...
971-DOPG WECO-971-DOPG Datasheet
84Kb / 1P
PCB connector Screw connection, 2 clamping units per pole
02.13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com