Electronic Components Datasheet Search
  English  ▼

X  

PRO-70 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PRO-70
Description  SolderPro™70
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PRO-70 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PRO-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRO-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Equivalent to a power range 25-80 watts. Cordless, simple, safe operation anywhere.
Ready to use 20 seconds after ignition. Tank contains fuel for 120 minutes of
operation. No cords, can be used anywhere. No electrical interference. Comes with
soldering tip and protective cap.
Length w/Cap
220 mm (8.7 in)
Length w/Soldering tip
190 mm (7.5 in)
Length w/blow torch tip
172 mm (6.8 in)
Weight (when gas-filled)
76 g
Approximate temperature soldering tip
210∼450°C (410∼850°F)
Torch
1300°C (2400°F)
Gas container capacity
20 ml
Operating capacity (one gas filling)
120 min. at mid setting



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com