Electronic Components Datasheet Search
  English  ▼

X  

PS80 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS80
Description  Piercing Saw Frame & Blades
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS80 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS80 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bow depth
Bow depth
Price Each
Model (mm)
(in)
Order Code
PS51
85
33⁄8
137-3793
Teeth
Price Each
Model
per (in)
PS80
80
137-3758
PS60
60
137-3759
PS52
52
137-3761
PS44
44
137-3762
PS32
32
137-3763
For sawing gold, silver, steel, copper, brass,
aluminium, nickel, etc. Length 125mm 5in.
488164
Piercing Saw Blades
Piercing Saw Frame & Blades
Piercing Saw Frame


Similar Part No. - PS80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PS80 TI-PS80 Datasheet
56Kb / 4P
25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
logo
Allied Components Inter...
PS80 ALLIED-PS80 Datasheet
404Kb / 1P
Power Shielded Inductor
logo
Sensata Technologies, I...
PS80 SENSATA-PS80 Datasheet
351Kb / 3P
AUTOMATIC RESET PRESSURE SWITCHES
logo
Allied Components Inter...
PS80-1R0M-RC ALLIED-PS80-1R0M-RC Datasheet
404Kb / 1P
Power Shielded Inductor
PS80-1R2M-RC ALLIED-PS80-1R2M-RC Datasheet
404Kb / 1P
Power Shielded Inductor
More results

Similar Description - PS80

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6405 POMONA-6405 Datasheet
63Kb / 2P
Insulation Piercing Clips
logo
List of Unclassifed Man...
4715TS ETC2-4715TS Datasheet
298Kb / 1P
Metal Blades Potting
5915PC ETC2-5915PC Datasheet
301Kb / 1P
Plastic Blades Potting
logo
Panasonic Semiconductor
ELF-21N016A PANASONIC-ELF-21N016A Datasheet
71Kb / 2P
Recommended PWB piercing plan
ELF-24V035A PANASONIC-ELF-24V035A Datasheet
84Kb / 3P
Recommended PWB piercing plan
logo
TOKYO SEIMITSU CO., LTD
HM ACCRETECH-HM Datasheet
420Kb / 2P
METAL BOND BLADES
logo
Amphenol LTW
VENT-MS4NME-08001 LTW-VENT-MS4NME-08001 Datasheet
165Kb / 1P
VENT, M20, METAL, PIERCING TYPE
2023-01-06
VENT-MS5NBK-08001 LTW-VENT-MS5NBK-08001 Datasheet
157Kb / 1P
VENT, M40, METAL, PIERCING TYPE
2023-01-06
VENT-MS5NME-08001 LTW-VENT-MS5NME-08001 Datasheet
156Kb / 1P
VENT, M40, METAL, PIERCING TYPE
2023-01-06
VENT-PRINBK-08001 LTW-VENT-PRINBK-08001 Datasheet
210Kb / 1P
VENT, RECTANGULAR, PIERCING TYPE
2023-01-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com