Electronic Components Datasheet Search
  English  ▼

X  

PSW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSW
Description  The Powersaver Weekly is a simple to use, multi application time switch.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSW Datasheet HTML 1Page - List of Unclassifed Manufacturers PSW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Powersaver Weekly is a simple to use, multi application time switch.
Although primarily used for the control of water heating, the PSD can also be used for a
multiude of applications including the control of panel heaters, security
lighting or combi boilers.
An electronic 5 day/2 day controller with the advantages of the Daily model in addition to
3 alternative operations on SAT/SUN.
One of the main benefits of the Powersaver Weekly product is its standard size.
This is common to all models, which fit directly onto a single gang patress box.
This allows installation or upgrading from one model to another, quick and simple.
The Powersaver family saves on fuel expenditure and energy wastage by
automatically switching off when the user may forget.
Product:
PSW
Range
Contact Rating 16A Resistive 240V a.c.
Supply 230V 50/60 Hz a.c.
Fixing Single Patress - Surface and Flush Mounting
Resolution of Programs 10 Minutes
Power Consumption 10VA Maximum
Live Parts Protection This unit is totally protected by the enclosure
Dirt and Moisture Protection IP00
Shock Protection Class 1 (this unit must be connected to earth)
Case Material Polycarbonate
Type of Action Type 1B
Temperature Rating T35
Operation Temperature
0oC to 35oC
Memory Reserve 4 Hours - when on power for previous 12 hours
Display LCD
Program Settings Max.3 Operations (Mon-Fri), Max 3 Operations (Sat-Sun)
Boost Settings User selectable - 1/2, 1 or 2 hours
Control Pollution Category Normal
Product Specification
Sales Office Direct Line : 0845 006 6206
Fax: 01475 744567 Email: enquiries@sangamo.co.uk


Similar Part No. - PSW

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PSW-1110 OMEGA-PSW-1110 Datasheet
5Mb / 3P
Digital, Miniature Pressure Switch with Display
logo
Altech corporation
PSW-120 ALTECH-PSW-120 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
PSW-12012 ALTECH-PSW-12012 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
PSW-12024 ALTECH-PSW-12024 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
PSW-12048 ALTECH-PSW-12048 Datasheet
720Kb / 2P
DIN Rail Power Supplies 5A 24VDC 120W
More results

Similar Description - PSW

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL5373 BELLING-BL5373 Datasheet
268Kb / 30P
The BL5373 is a CMOS type real-time clock
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
The T8611 is a simple, high voltage, linear current regulator.
logo
STMicroelectronics
AN2229 STMICROELECTRONICS-AN2229 Datasheet
168Kb / 8P
Purpose of the Application Note is to detail the startup behaviour
23-Sep-2013
AN4041 STMICROELECTRONICS-AN4041 Datasheet
1Mb / 14P
The purpose of this application note is to give a brief description
06-Sep-2012
AN2495 STMICROELECTRONICS-AN2495 Datasheet
812Kb / 36P
The purpose of this application note is to explain the design
19-Apr-2011
AN1051 STMICROELECTRONICS-AN1051 Datasheet
174Kb / 9P
This application note explains how to use the VIPER20
Feb-1999
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
A real-time clock is a computer clock that keeps track of the current time
21-Nov-2012
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
The purpose of this application note is to give a presentation
02-Sep-2014
logo
Richtek Technology Corp...
RT9045A RICHTEK-RT9045A Datasheet
168Kb / 11P
The RT9045A is a simple
logo
Advantech Co., Ltd.
EIS-S232 ADVANTECH-EIS-S232 Datasheet
1Mb / 4P
Simplifying the multi-cloud with a domain focus application
23-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com