Electronic Components Datasheet Search
  English  ▼

X  

XRD8799 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRD8799
Description  LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD8799 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRD8799 Datasheet HTML 15Page - Exar Corporation XRD8799 Datasheet HTML 16Page - Exar Corporation XRD8799 Datasheet HTML 17Page - Exar Corporation XRD8799 Datasheet HTML 18Page - Exar Corporation XRD8799 Datasheet HTML 19Page - Exar Corporation XRD8799 Datasheet HTML 20Page - Exar Corporation XRD8799 Datasheet HTML 21Page - Exar Corporation XRD8799 Datasheet HTML 22Page - Exar Corporation XRD8799 Datasheet HTML 23Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
XRD8799
xr
xr
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
REV. 1.00
21
FIGURE 29. INL @ 2MSPS
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
0
128
256
384
512
640
768
896
1024
Code
VDD = 5V
VREF(+) = 4.6V
VREF(-) = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com