Electronic Components Datasheet Search
  English  ▼

X  

PT7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PT7
Description  pulse transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PT7 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT7 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OEP Home Page
1 : 1
(PT42E)
3mH
80µH
1.1
1.1
ENCAPSULATED VERSION
Pin Layout As Shown.
Body size excluding pins:
W15.30 mm
H16.00 mm
D15.30mm
pulse_transformers_pinview_thumbnail.jpg (12823 bytes)
OXFORD ELECTRICAL PRODUCTS LTD
transformer manufacturers,
wound components, power
supplies, low voltage lighting,
switch mode power supplies,
telecom transformers, dc-dc
converters, inductors
Friday, 24 March 2006
Walters OEP Transformers
Telecoms, LAN, Lighting, Medical, Audio
Security, Controls, EPOS, Instrumentation
Walters OEP Power Supplies
DC - DC Converters
Custom Made
Switch Mode
Linear
Walters OEP Lighting Products
Halogen Lamps, Floodlights, PIR's etc.
View Disclaimer
file:///C|/Documents%20and%20Settings/BennettR/Desktop/MISSING/OEP%20Home%20Page.htm (2 of 2)24/03/2006 13:32:28



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com