Electronic Components Datasheet Search
  English  ▼

X  

PSC20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PSC20
Description  Conduit Fittings
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PSC20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PSC20 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
67
Fax: +44 (0)1352 792314
Telephone: +44 (0)1352 792301
Technical Advice: +44 (0)1352 792300
Conduit Fittings
COUPLERS & CONNECTORS
Standard Coupling
Size
Ref
Packed
N20mm
PSC 20
100
N25mm
PSC 25
50
32mm
PSC 32
50
Expansion Couplings
Size
Ref
Packed
N20mm
PEC 20
50
N25mm
PEC 25
50
Reducers
Size
Ref
Packed
N25-20mm RED 25
100
32-25mm RED 32
50
SADDLES & FIXINGS
Strap Saddles
Size
Ref
Packed
0
N20mm
PSS 20
100
N25mm
PSS 25
100
32mm
PSS 32
100
Spacer Bar Saddles
Size
Ref
Packed
N20mm
SBS 20
100
N25mm
SBS 25
100
32mm
SBS 32
50
Conduit Fixing Clips ‘CLIC’
Size
Ref
Packed
20mm
UK 20
50
25mm
UK 25
50
Round Spring Clip Saddles
Single fixing hole in centre
Size
Ref
Packed
N20mm
CSA 20
100
N25mm
CSA 25
50
Oval Spring Clip Saddles
Size
Ref
Packed
N20mm
PXC 20
100
N25mm
PXC 25
100
ADAPTORS & BUSHES
Adaptors – Female Thread with Male Bushes
Size
Ref
Packed
N20mm
PFA 20
100
N25mm
PFA 25
50
32mm
PFA 32
50
Adaptors – Male Thread with Lockrings
Size
Ref
Packed
N20mm
PMA 20
100
N25mm
PMA 25
50
32mm
PMA 32
50
Male Bushes – Screwed
Size
Ref
Packed
N20mm
MBS 20
100
N25mm
MBS 25
100
32mm
MBS 32
100
Bell Mouth Bushes
White only
Size
Ref
Packed
20mm
MBB 20W
100
25mm
MBB 25W
100
Lockrings Screwed –PVC
Size
Ref
Packed
20mm
CLR 20
100
25mm
CLR 25
100
32mm
CLR 32
50
NORMAL BENDS
Heavy Bends with Two Couplings
Size
Ref
Packed
N20mm
NBH 20
25
N25mm
NBH 25
20
32mm
NBH 32
10
Light Gauge Bends Slip Type
White only
Size
Ref
Packed
N20mm
NBL 20W
25
N25mm
NBL 25W
20
INSPECTION FITTINGS
Inspection Elbow
Size
Ref
Packed
N20mm
PIE 20
50
Inspection Bends
Size
Ref
Packed
N20mm
PIB 20
25
N25mm
PIB 25
20
Inspection Tees
Size
Ref
Packed
N20mm
PIT 20
20
N25mm
PIT 25
20
SELF
LOCKING
COLOUR
WHITE
BLACK
WB
Please suffix product code with colour choice
•
BS 4607 Pt5.


Similar Part No. - PSC20

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSC2065J NEXPERIA-PSC2065J Datasheet
280Kb / 11P
650 V, 20 A SiC Schottky diode in D2PAK R2P
PSC2065J NEXPERIA-PSC2065J Datasheet
281Kb / 11P
650 V, 20 A SiC Schottky diode in D2PAK R2P
6 August 2024
PSC2065JJ NEXPERIA-PSC2065JJ Datasheet
281Kb / 11P
650 V, 20 A SiC Schottky diode in D2PAK R2P
6 August 2024
PSC2065L NEXPERIA-PSC2065L Datasheet
247Kb / 9P
650 V, 20 A SiC Schottky diode in TO247 R2P applications
10 June 2024
logo
Phihong USA Inc.
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
20-WATT INTERCHANGEABLE PLUG SERIES
More results

Similar Description - PSC20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
logo
Heyco.
4028 HEYCO-4028 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
8382 HEYCO-8382 Datasheet
179Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8398 HEYCO-8398 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8423 HEYCO-8423 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8500 HEYCO-8500 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8515 HEYCO-8515 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
Heyco® Nylon Conduit Fittings - Straight-Thru
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com