Electronic Components Datasheet Search
  English  ▼

X  

XRD9818 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRD9818
Description  3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD9818 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRD9818 Datasheet HTML 17Page - Exar Corporation XRD9818 Datasheet HTML 18Page - Exar Corporation XRD9818 Datasheet HTML 19Page - Exar Corporation XRD9818 Datasheet HTML 20Page - Exar Corporation XRD9818 Datasheet HTML 21Page - Exar Corporation XRD9818 Datasheet HTML 22Page - Exar Corporation XRD9818 Datasheet HTML 23Page - Exar Corporation XRD9818 Datasheet HTML 24Page - Exar Corporation XRD9818 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
xr
xr
XRD9818
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
REV. 1.0.1
21
5.0
SERIAL PORT INTERFACE
The XRD9818 can be configured through a three pin interface (LOAD, SDI, and SCLK) with the serial port write
timing shown below.
Each write will include 4 bits of address, two dummy bits and 10 bits of data. To insure
a valid write operation, the serial port control must detect minimum of 16 rising SCLK edges. Upon a valid
write the XRD9818 will latch the last 16 bits of data presented at the rising edge of LOAD.
The register
address will be decoded and the 10bits of data will over write the contents of the addressed register.
The
LOAD setup time "Tls" can be indefinitely long.
LOAD is used to gate the SCLK input into the XRD9818. In order to eliminate any unintended high speed
clocks into the part it is recommended that the LOAD signal only be active during the write operation.
FIGURE 13.
SERIAL PORT WRITE TIMING
FIGURE 14. LOAD GATING OF SCLK
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D8
D9
E0
msb
msb
lsb
lsb
LOAD
SCLK
SDI
Tsclk
Tds
Tls
Tlh
Register Address
D
u
m
m
y
Write Register Data
Tdh
E1
D
u
m
m
y
Tlpw
SCLK
LOAD
SCLK
(internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com