Electronic Components Datasheet Search
  English  ▼

X  

PBHT-80/2/03 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PBHT-80/2/03
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-80/2/03 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PBHT-80/2/03 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 9Page - List of Unclassifed Manufacturers PBHT-80/2/03 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
592
Technical Data
Z
Z-P
PB
BH
HT
T-A
ASSA
A//2
24
4
Z
Z-P
PB
BH
HT
T-A
ASSA
A//2
23
30
0
E
Elle
eccttrriicca
all
Minimum pulse duration
15 ms
10 ms
Internal resistance
2
Ω
130
Ω
Duty
100%
100%
Tripping time
< 20 ms
< 20 ms
Peak withstand voltage (1.2/50µ)
2 kV
2 kV
Endurance
>4,000 operating cycles
>4,000 operating cycles
A
AC
C vvo
olltta
ag
ge
e rra
an
ng
ge
e::
Responding limit
8 V
70 V
Operational voltage range
12-60 V
110-415 V
Maximum current consumption during switch-on
1.4-7 A
3.4 A (at 230V)
Current flow time at max. current consumption
4.0 ms
4.5 ms
D
DC
C vvo
olltta
ag
ge
e rra
an
ng
ge
e::
Responding limit
11 V
90 V
Operational voltage range
12-60 V
110-230 V
Maximum current consumption during switch-on
1.7 A typ.
1.7 A typ.
Current flow time at max. current consumption
2 ms
4 ms
M
Me
ecch
ha
an
niicca
all
Frame size
45 mm
45 mm
Device height
90 mm
90 mm
Device width
27 mm
27 mm
Mounting
quick fastening on DIN rail EN 50022
Degree of protection, built-in
IP40
IP40
Upper and lower terminal screws
lift terminals
lift terminals
Terminal capacity
2.5-30 mm2
2.5-30 mm2
Fastening torque of terminal screws
4 Nm
4 Nm
Dimensions (mm)
A
Acccce
esssso
orriie
ess ffo
orr P
PB
BH
HT
T
Connection diagram
1
2
SSh
hu
un
ntt T
Trriip
p R
Re
elle
ea
asse
e Z
Z-P
PB
BH
HT
T-A
ASSA
A
• Can be mounted subsequently
• Contact position indicator red - green
• Marking labels can be fitted
• Wide operational voltage range
• Sufficient power of extra low voltage source must be ensured
PBHT-ASA/24: min. 90 VA
• Screws for mounting included PBHT => PBHT-ASA => PLHT
Protective Devices
SG_Technik_MV_E.qxd
25.04.2005
10:48
Seite 592



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com