Electronic Components Datasheet Search
  English  ▼

X  

PBHT-125/2/003 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PBHT-125/2/003
Description  Add-on Residual Current Protection PBSM MW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PBHT-125/2/003 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PBHT-125/2/003 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 5Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 6Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 7Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 8Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 9Page - List of Unclassifed Manufacturers PBHT-125/2/003 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
589
Protective Devices
A
Ad
dd
d-o
on
n R
Re
essiid
du
ua
all C
Cu
urrrre
en
ntt P
Prro
otte
eccttiio
on
n U
Un
niitt P
PB
BSSM
M
• Add-on residual current unit
• Line voltage-independent tripping
• By combining this device with a top-quality miniature circuit breaker type
PLS. (exept PLSN.) a top-quality RCBO unit (combined RCD/MCB device) is
formed.
• Rated current 40 and 63 A
• Permits combinations with a variety of characteristics thanks to the different
rated currents and characteristics of the PLS.-miniature cirvuit breakers
which can be connected
• Comrehensive range of accessories suitable for subsequent installation onto
PLS.
• T
Tyyp
pe
e -A
A: Protect against special forms of residual pulsating DC which have
not been smoothed.
• T
Tyyp
pe
e -G
G: High reliability against unwanted tripping. Compulsory for any cir-
cuit where personal injury or damage to property may occur in case of
unwanted tripping (ÖVE-EN1, Part1, §12.14).
• T
Tyyp
pe
e -SS: Selective residual current device, either sensitive to AC, type -S, or
sensitive to pulsating DC, type -S/A, for protection against special forms of
residual pulsating DC which have not been smoothed. Compulsory for sys-
tems with surge arresters downstream of the RCD (ÖVE-EN1, Part 1, §12.15).
A
Acccce
esssso
orriie
ess ::
Cover cap for draw-out connection bar
included
Slotted one-way cheese head screw
included
A
Acccce
esssso
orriie
ess ((o
on
n P
PLLSS..))::
Auxiliary switch for
subsequent installation
ZP-AHK
248436
Tripping signal contact for
subsequent installation
ZP-NHK
248437
Remote control and automatic switching device
Z-FW/LP
248296
Shunt trip release
ZP-ASA/..
248438, 248439
Undervoltage release
Z-USA/..
248288-248291
Compact enclosure
KLV-TC-2
276240
KLV-TC-4
276241
Additional terminal 35mm2
HA7-ZK35
751942199
Anti-tamper device
HA7-SPE
750960510
Technical Data
E
Elle
eccttrriicca
all
Design according to
IEC/EN 61009
Current test marks as printed onto the device
Tripping
instantaneous 250A (8/20µ),
surge current-proof
Type G 10 ms delay 3kA (8/20µ),
surge current-proof
Type S 40 ms delay 6kA -
with selective disconnecting
function
Rated voltage U
n
230/400 V AC
Operational voltage range
196 - 440 V
Rated frequency
50 Hz
Rated current I
n
≤ 40 A, ≤ 63 A
Rated tripping current I∆n
30, 100, 300, 500, 1000 mA
Rated non-tripping current I∆no
0.5 I∆n
Sensitivity
AC and pulsating DC
Service short circuit breaking capacity I
cs
same as connected PLS. (7.5 kA)
Rated breaking capacity I
cn
same as connected PLS. (10 kA)
Rated fault breaking capacity I∆m
6 kA (U
n = 230V)
3 kA (U
n = 400V)
M
Me
ecch
ha
an
niicca
all
Frame-size
45 mm
Device height
90 mm
Device width
70 mm (2p), 107.5 mm (3p),
125 mm (4p)
Mounting
fix mounted onto PLS.
Degree of protection installed device
IP40
Fastening screw
M 2.5 (slotted one-way
cheese head screw;
Screw head breaking torque
> 0.6 Nm
Upper and lower terminals
lift terminals
Terminal screws
M 5 (combined Philips/stan-
dard head screws according
to DIN7962-Z2, Pozidrive)
Terminal protection
finger and hand touch safe,
BGV A3, ÖVE-EN 6
Terminal capacity
Rigid conductors
1 x (1 - 25) mm2
Flexible conductors (with wire
end sleeve)
1 x (0.75 - 16) mm2
Busbar thickness
0.8 - 2 mm
Permitted ambient temperature range -25°C to +40°C
Resistance to climatic conditions
acc. to IEC/EN 60068-2
(25..55°C/90..95% relative humidity)
Dimensions (mm)
125
107,5
70
12mm
12mm
12mm
45
90
9,5
44
60
5,5
4p
3p
2p
T
T
T
Connection diagramms
2-pole
3-pole
4-pole
2'
2
T
4'
4
2'
2
6'
6
T
4'
4
2'
2
6'
6
T
4'
4
8N'
8N
SG_Technik_MV_E.qxd
25.04.2005
10:48
Seite 589



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com