Electronic Components Datasheet Search
  English  ▼

X  

FG1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FG1
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FG1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FG1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 9Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 10Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 11Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 12Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 13Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 14Page - List of Unclassifed Manufacturers FG1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied standard with transformers.
*Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45.
refer to page 67 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
SECTION 9
SECTION 1
39
Machine Tool indusTrial conTrol
50/60 Hertz
50/60 Hertz
primary Voltage:
240 X 480
230 X 460
220 X 440
secondary Voltage:
12 X 24
11.5 X 23
11 X 22
Group d
all dimensions in inches
all dimensions in inches
© Hammond Power Solutions Inc.
Data subject to change without notice.
Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
depth
with
finger
Guard
approx.
ship
Weight
lbs.
optional
primary
fuse
Kit p/n
optional
unfused and
fused finger
Guard Kit p/n
a
B
C
d
e
G X H
50
pH50mQmJ
A
0.42/0.21
3.00
4.38
3.19
2.50
2.25
0.22 x 0.44
4.00
5.82
3.50
PFK1
FG1*/FGF1
75
pH75mQmJ
A
0.63/0.31
3.25
3.88
3.56
2.63
2.50
0.22 x 0.44
4.37
5.32
3.54
PFK1
FG2*/FGF2
100
pH100mQmJ
A
0.83/0.42
3.25
4.19
3.63
2.63
2.63
0.22 x 0.44
4.44
5.63
4.50
PFK1
FG2*/FGF2
150
pH150mQmJ
B
1.25/0.63
4.00
4.94
3.81
3.38
2.75 0.22 x 0.75
4.50
6.44
5.70
PFK2
FG3
250
pH250mQmJ
B
2.08/1.04
4.50
5.44
3.81
3.75 3.13 0.22 x 0.75
4.50
6.94
7.50
PFK2
FG3
350
pH350mQmJ
B
2.92/1.46
4.50
5.19
4.44
3.75 3.75 0.22 x 0.75
4.94
6.69
10.1
PFK3
FG4
500
pH500mQmJ
B
4.17/2.08 4.75 5.94 4.31 4.06 3.81 0.31 x 0.94
4.81
7.44
14.2
PFK3
FG4
750
pH750mQmJ
B
6.25/3.13
5.13
6.69
4.31
4.38
4.31
0.31 x 0.81
4.81
8.19
16.6
PFK3
FG4
1000
pH1000mQmJ
B
8.33/4.17 5.25 6.81 4.94 4.50 4.44 0.31 x 0.81
5.56
8.31
23.6
PFK3
FG5
1500
pH1500mQmJ
B
12.5/6.25
5.25
8.19
4.94
4.50
6.06
0.38 x 1.00
5.56
9.69
32.0
PFK3
FG5
Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
depth
with
finger
Guard
approx.
ship
Weight
lbs.
optional
primary
fuse
Kit p/n
optional
unfused and
fused finger
Guard Kit p/n
a
B
C
d
e
G X H
50
pH50Qr
A
4.17/2.08 3.00 4.38 3.19 2.50 2.25 0.22 x 0.44
4.00
5.82
3.50
PFK1
FG1*/FGF1
75
pH75Qr
A
6.25/3.13
3.25
3.88
3.56
2.63
2.50
0.22 x 0.44
4.37
5.32
3.54
PFK1
FG2*/FGF2
100
pH100Qr
A
8.33/4.17 3.25 4.19 3.63 2.63 2.63 0.22 x 0.44
4.44
5.63
4.50
PFK1
FG2*/FGF2
150
pH150Qr
B
12.5/6.25
4.00
4.94
3.81
3.38
2.75 0.22 x 0.75
4.50
6.44
5.70
PFK2
FG3
250
pH250Qr
B
20.8/10.4
4.50
5.44
3.81
3.75 3.13 0.22 x 0.75
4.50
6.94
7.50
PFK2
FG3
350
pH350Qr
B
29.2/14.6
4.50
5.19
4.44
3.75 3.75 0.22 x 0.75
4.94
6.69
10.1
PFK3
FG4
500
pH500Qr
B
41.7/20.8 4.75 5.94 4.31 4.06 3.81 0.31 x 0.94
4.81
7.44
14.2
PFK3
FG4
fIGure a
A
D
E
C
B
G x H
A
D
E
C
B
G x H
fIGure B
secondary fuse clips, fuse clip mounting screws and primary and secondary voltage links/jumpers supplied standard with transformers.
*Note: Unfused finger guard kits are marked with an asterisk, for more information refer to page 45.
refer to page 66 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
*** Available with FACTORY INSTALLED Primary and Secondary Fuse Kits up to 1500VA. To order, add the suffix “-FK” to the above part number. Refer to page 44 for details. ***
primary Voltage:
240 X 480
230 X 460
220 X 440
secondary Voltage:
120 X 240
115 X 230
110 X 220
Group C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com