Electronic Components Datasheet Search
  English  ▼

X  

FGF2 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FGF2
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FGF2 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FGF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers FGF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
SECTION 9
SECTION 1
45
Machine Tool indusTrial conTrol
© Hammond Power Solutions Inc.
Data subject to change without notice.
finger Guards
optional accessories
The HPS Imperator line of machine tool industrial molded control transformers are available with the
following optional finger guard kits:
sample assembly drawing
for finger Guard Installation
(For 50, 75 and 100VA)
sample assembly drawing
for finger Guard Installation
(For 150VA to 1500VA)
Note: Each finger guard kit supplies either the primary or secondary side.
Kit part
number
applicable transformer
Part Number Suffixes
applicable
Va sizes
fG1
fG2
fG2
fG2
AJ, Ar, mQmJ, mEmX, Qr, SP, PG, PP
mBmH, mGJ, mlI
All
All (excluding PH100mBmH)
Refer to FG3, FG4 or FG5 below
50
50
75
100
150 to 1500
Kit part
number
applicable transformer
Part Number Suffixes
applicable
Va sizes
parts Included in Kit
fGf1
fGf2
fGf2
fGf2
fG3
fG3
fG3
fG4
fG4
fG4
fG5
fG5
AJ, Ar, mQmJ, mEmX, Qr, SP, PG, PP
mBmH, mGJ, mlI
All
All (excluding PH100mBmH)
mBmH
All
AJ, Ar, mQmJ, mEmX, Qr, SP, PG, PP
mBmH, mGJ, mlI
All
AJ, Ar, mQmJ, Qr, SP, PP
mBmH, mEmX, mGJ, mlI, PG
All
50
50
75
100
100
150
250
250
350, 500
750
750
1000, 1500
1 finger guard (fused), PHAK1 instruction sheet
1 finger guard (fused), PHAK1 instruction sheet
1 finger guard (fused), PHAK1 instruction sheet
1 finger guard (fused), PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
1 finger guard, PHAK1 instruction sheet
optional unfused finger Guard Kits
optional fused finger Guard Kits
Note: Each finger guard kit supplies either the primary or secondary side.
Included in the kit: 1 finger guard (unfused) and PHAK1 instruction sheet
sample accessory drawing
for fused & unfused
finger Guards
(for 50, 75 and 100VA)
sample accessory drawing
for finger Guards
(for 150VA and 1500VA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com