Electronic Components Datasheet Search
  English  ▼

X  

SP350QR Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # SP350QR
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP350QR Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button SP350QR Datasheet HTML 20Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 21Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 22Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 23Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 24Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 25Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 26Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 27Page - List of Unclassifed Manufacturers SP350QR Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
52
SECTION 1
HPS SPARTAN®
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50sp
A
0.42/0.21
2.60
3.35
2.60
2.13
2.17 0.22 x 0.44
1.6
2.60
1.6
100
100
sp100sp
A
0.83/0.42
2.99
3.54
2.85
2.52
2.40
0.22 x 0.44
3
2.85
3
150
150
sp150sp
A
1.25/0.63
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
4.3
2.85
4.3
250
160
sp250sp
A
2.08/1.04
3.78
4.09
3.40
3.31
2.99
0.22 x 0.44
6.5
3.40
6.5
350
250
sp350sp
A
2.92/1.46
3.78
4.69
3.40
3.31
3.58
0.22 x 0.44
8.3
3.40
8.3
500
300
sp500sp
A
4.17/2.08
4.49
4.69
3.78
3.78
3.66
0.31 x 0.81
11
3.78
11
750
500
sp750sp
A
6.25/3.13
5.25
4.691
4.37
4.50
3.66
0.31 x 0.81
16
4.75
16
1000
650
sp1000sp
A
8.33/4.17
5.25
5.471 4.37
4.50
4.45
0.31 x 0.81
20
4.75
20
1500
1000
sp1500sp
A
12.5/6.25
6.38
4.881
5.31
5.75
3.86
0.31 x 0.81
27
5.69
27
all dimensions in inches
Va
rating
Ce Va
rating
Catalog
number
mtg.
fig.
output
amps
overall
dimensions
mounting
Centers
mounting
slot
Height
with
finger
Guard
Height
with
fuse
Block
adapter
approx.
ship
Weight
lbs.
a
B
C
d
e
G X H
50
50
sp50sr
A
4.17/2.08
2.60
3.35
2.60
2.13
2.17 0.22 x 0.44
2.98
2.79
1.6
100
100
sp100sr
A
8.33/4.17
2.99
3.54
2.85
2.52
2.40
0.22 x 0.44
3.23
3.04
3.1
150
150
sp150sr
A
12.5/6.25
2.99
4.29
2.85
2.52
3.15
0.22 x 0.44
3.23
3.04
4.3
250
160
sp250sr
A
20.8/10.4
3.78
4.09
3.40
3.31
2.99
0.22 x 0.44
3.78
3.59
6.5
350
250
sp350sr
A
29.2/14.6
3.78
4.69
3.40
3.31
3.58
0.22 x 0.44
3.78
3.59
8.3
500
300
sp500sr
B
41.7/20.8
4.49
5.47
3.78
3.78
3.66
0.31 x 0.81
4.16
3.97
11
Group I
Group J
fIGure a
fIGure B
E
B
A
D
C
G x H
A
D
E
C
G x H
B
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 79 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
1
Note: For 750 through 1500 VA units actual overall depth is 0.24” plus the value in column B.
primary and secondary voltage links/jumpers supplied standard with all transformers.
refer to page 79 for wiring schematic drawing. Custom voltages and Va sizes available upon request.
50/60 Hertz
primary Voltage:
208 X 416
200 X 400
190 X 380
secondary Voltage: 120 X 240
115 X 230
110 X 220
50/60 Hertz
primary Voltage:
208 X 416
200 X 400
190 X 380
secondary Voltage: 12 X 24
11.5 X 23
11 X 22
© Hammond Power Solutions Inc.
Data subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com