Electronic Components Datasheet Search
  English  ▼

X  

SP350NJ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SP350NJ
Description  Industrial Control and General purpose enclosed Transformers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP350NJ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SP350NJ Datasheet HTML 1Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 2Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 3Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 4Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 5Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 6Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 7Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 8Page - List of Unclassifed Manufacturers SP350NJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
33
SECTION 9
SECTION 1
Control transformers
COnTrOl TrAnSFOrmErS
© Hammond Power Solutions Inc.
Data subject to change without notice.
primary (ul and Csa)
To assist in the selection of fuses, the following chart recommends the maximum primary fuse rating in amperes. The
first number shown is the maximum overcurrent protection when the primary current is less than 2 amps and the overcurrent
protection device is rated for 300%. The second number shown (italic) is recommended when the primary is less than 2 amps
and the overcurrent device is to be rated at 500% of rated current. Where only one number is indicated, the primary is 2 amps
or more and one rating of over current protection is shown as optimal. Choose the next higher fuse rating if these numbers do
not correspond with standard fuse selections.
References:
UL 508, 32.7
UL 845, 11.16 and 11.17
NEC 430-72 (c) exception #2
NEC 450-3 (b) 1 and 2
CEC Part I, 26-256
recommendations for overcurrent protection
pri.
Va rating
Volt
25
50
75
100
150
200
250
300
350
500
750
1000
1500
2000
3000
5000
7500
115
0.6
1.25
1.8
2.5
3.5
5
4
5
5
8
10
15
20
25
-
-
-
1
2
3.2
4
6.25
8
120
0.6
1.25
1.8
2.25
3.5
5
4
5
5
8
10
15
15
20
-
-
-
1
2
3
4
6.25
8
200
0.3
0.75 1.125
1.5
2.25
3
3.5
4.5
5
4.5
7
9
15
15
20
-
-
0.6
1.25
1.8
2.5
3.5
5
6.25
7.5
8
208
0.3
0.6
1
1.4
2
2.8
3.5
4
5
4
6
8
12
15
20
30
-
0.6
1.125
1.8
2.25
3.5
4.5
6
7
8
220
0.3
0.6
1
1.25
2
2.5
3.2
4
4.5
4
6
8
12
15
20
30
-
0.5
1.125
1.6
2.25
3.2
4.5
5.6
6.25
7.5
230
0.3
0.6
0.8
1.25
1.8
2.5
3.2
3.5
4.5
4
6
8
10
15
20
30
-
0.5
1
1.6
2
3.2
4
5
6.25
7.5
240
0.3
0.6
0.8
1.25
1.8
2.25
3
3.5
4
3.5
5
7
10
15
15
30
-
0.5
1
1.5
2
3
4
5
6.25
7
277
0.25
0.5
0.8
1
1.6
2
2.5
3.2
3.5
5
5
6
9
12
15
25
-
0.4
0.8
1.25
1.8
1.5
3.5
4.5
5
6.25
9
347
0.25
0.5
0.8
1
1.6
2
2.5
3.2
3.5
5
6.25
5
7.5
10
15
20
30
0.4
0.8
1.25
1.8
2.5
3.5
4.5
5
6.25
9
380
0.1875
0.3
0.5
0.75
1.125
1.5
1.8
2.25
2.5
3.5
5.6
4.5
6.25
9
15
20
25
0.3
0.6
0.8
1.25
1.8
2.5
3.2
3.5
4.5
6.25
9
400
0.1875
0.3
0.5
0.75
1.125
1.5
1.8
2.25
2.5
3.5
5.6
4.5
6.25
9
12
15
20
0.3
0.6
0.8
1.25
1.8
2.5
3
3.5
4
6.25
9
416
0.15
0.3
0.5
0.6
1
1.4
1.8
2
2.5
3.5
5
4
6
8
12
15
20
0.3
0.6
0.8
1.125
1.8
2.25
3
3.5
4
6
9
440
0.15
0.3
0.5
0.6
1
1.25
1.6
2
2.25
3.2
5
4
6
8
12
15
20
0.25
0.5
0.8
1.125
1.6
2.25
2.8
3.2
3.5
5.6
8
460
0.15
0.3
0.4
0.6
0.8
1.25
1.6
1.8
2.25
3.2
4.5
3.5
6
8
12
15
20
0.25
0.5
0.8
1
1.6
2
2.5
3.2
3.5
5
8
480
0.15
0.3
0.4
0.6
0.8
1.25
1.5
1.8
2
3
4.5
3.5
5
7
10
15
20
0.25
0.5
0.75
1
1.5
2
2.5
3
3.5
5
7.5
550
0.125
0.25
0.4
0.5
0.8
1
1.25
1.6
1.8
2.5
4
5
4.5
6
9
15
15
0.2
0.4
0.6
0.8
1.25
1.8
2.25
2.5
3
4.5
6.25
575
0.125
0.25
0.3
0.5
0.75
1
1.25
1.5
1.8
2.5
3.5
5
4.5
6
9
15
15
0.2
0.4
0.6
0.8
1.25
1.6
2
2.5
3
4
6.25
600
0.125
0.2
0.3
0.5
0.75
0.8
1.25
1.5
1.6
2.25
3.5
5
4
6
9
15
15
0.2
0.4
0.6
0.8
1.25
1.6
2
2.5
2.8
4
6.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com