Electronic Components Datasheet Search
  English  ▼

X  

B7643 Datasheet(PDF) 1 Page - EPCOS

Part # B7643
Description  SAW Duplexer 1950 / 2140 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7643 Datasheet(HTML) 1 Page - EPCOS

  B7643 Datasheet HTML 1Page - EPCOS B7643 Datasheet HTML 2Page - EPCOS B7643 Datasheet HTML 3Page - EPCOS B7643 Datasheet HTML 4Page - EPCOS B7643 Datasheet HTML 5Page - EPCOS B7643 Datasheet HTML 6Page - EPCOS B7643 Datasheet HTML 7Page - EPCOS B7643 Datasheet HTML 8Page - EPCOS B7643 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© EPCOS AG 2006. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW Duplexer
for WCDMA Band I (UMTS)
Series/type:
Ordering code:
B7643
B39212B7643P510
Date:
Version:
July 06, 2006
2.0


Similar Part No. - B7643

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
B764 SANYO-B764 Datasheet
40Kb / 4P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
SAW Components
More results

Similar Description - B7643

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433A TAI-SAW-TA1433A Datasheet
232Kb / 8P
SAW Filter 2140 MHz
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
SAW Filter 2140 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
SAW Filter 1950 MHz
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
SAW Filter 1950 MHz
TF0120D TAI-SAW-TF0120D Datasheet
488Kb / 13P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0214A TAI-SAW-TF0214A Datasheet
1Mb / 13P
SAW DPX 1950/2140 MHz LTE Band 1 SMD 1.8X1.4 mm (BW=59.04 MHz)
TF0120C TAI-SAW-TF0120C Datasheet
471Kb / 13P
SAW DPX 1950/2140 MHz LTE Band 1 SMD 1814
TF0120DB TAI-SAW-TF0120DB Datasheet
462Kb / 13P
SAW DPX 1950 / 2140 MHz Band 1 SMD 1.8X1.4 mm (BW=60 MHz)
TF0120EA1823 TAI-SAW-TF0120EA1823 Datasheet
1Mb / 11P
SAW Duplexer 1950/2140 MHz Band 1 Size 1.8x1.4 mm BW 60/60 MHz
REV.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com