Electronic Components Datasheet Search
  English  ▼

X  

B7705 Datasheet(PDF) 4 Page - EPCOS

Part # B7705
Description  SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7705 Datasheet(HTML) 4 Page - EPCOS

  B7705 Datasheet HTML 1Page - EPCOS B7705 Datasheet HTML 2Page - EPCOS B7705 Datasheet HTML 3Page - EPCOS B7705 Datasheet HTML 4Page - EPCOS B7705 Datasheet HTML 5Page - EPCOS B7705 Datasheet HTML 6Page - EPCOS B7705 Datasheet HTML 7Page - EPCOS B7705 Datasheet HTML 8Page - EPCOS B7705 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Oct 27, 2004
SAW Components
B7705
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 150 Ω
min.
typ.
max.
Center frequency
fC
942,5
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
2,8
3,5
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
1,0
1,9
dB
Input VSWR
925,0
... 960,0
MHz
2,2
2,4
Output VSWR
925,0
... 960,0
MHz
2,2
2,3
Output phase balance
(φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-5
0
5
degree
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-0,5
0
0,5
dB
Attenuation
α
0,0
... 880,0
MHz
50
75
dB
880,0
... 905,0
MHz
30
40
dB
905,0
... 915,0
MHz
18
27
dB
980,0
...1050,0
MHz
23
25
dB
1050,0
...6000,0
MHz
50
60
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com