Electronic Components Datasheet Search
  English  ▼

X  

B7710 Datasheet(PDF) 5 Page - EPCOS

Part # B7710
Description  SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7710 Datasheet(HTML) 5 Page - EPCOS

  B7710 Datasheet HTML 1Page - EPCOS B7710 Datasheet HTML 2Page - EPCOS B7710 Datasheet HTML 3Page - EPCOS B7710 Datasheet HTML 4Page - EPCOS B7710 Datasheet HTML 5Page - EPCOS B7710 Datasheet HTML 6Page - EPCOS B7710 Datasheet HTML 7Page - EPCOS B7710 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Oct 23, 2001
SAW Components
B7710
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10˚C to +80˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fC
—
942,5
—
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
—
3,2
3,7
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
—
1,2
2,0
dB
VSWR
925,0
... 960,0
MHz
—
1,7
2,0
Output phase balance (
φ(S31)−φ(S21)+180˚)
925,0
... 960,0
MHz
-10
—
10
˚
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-1,0
—
1,0
dB
Diff. to common mode suppression
Ssc12
925,0
... 960,0
MHz
20
25
—
dB
855,0
... 995,0
MHz
20
25
—
dB
1710,0
... 1990,0
MHz
20
54
—
dB
3420,0
... 3980,0
MHz
20
40
—
dB
Attenuation
α
0,0
... 850,0
MHz
50
59
—
dB
850,0
... 905,0
MHz
35
47
—
dB
905,0
... 915,0
MHz
18
26
—
dB
980,0
...1000,0
MHz
20
29
—
dB
1000,0
...1050,0
MHz
30
40
—
dB
1050,0
...2000,0
MHz
40
45
—
dB
2000,0
...3000,0
MHz
30
35
—
dB
3000,0
...4000,0
MHz
20
28
—
dB
4000,0
...6000,0
MHz
15
22
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com