Electronic Components Datasheet Search
  English  ▼

X  

B7713 Datasheet(PDF) 3 Page - EPCOS

Part # B7713
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7713 Datasheet(HTML) 3 Page - EPCOS

  B7713 Datasheet HTML 1Page - EPCOS B7713 Datasheet HTML 2Page - EPCOS B7713 Datasheet HTML 3Page - EPCOS B7713 Datasheet HTML 4Page - EPCOS B7713 Datasheet HTML 5Page - EPCOS B7713 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jan 24, 2005
SAW Components
B7713
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to +70 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
836,5
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
2,5
3,5
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
1,0
2,0
dB
Return loss
824,0
... 849,0
MHz
12,0
10,0
dB
Attenuation
α
0,0
... 800,0
MHz
40,0
50,0
dB
869,0
...1050,0
MHz
30,0
32,0
dB
1050,0
...2000,0
MHz
45,0
50,0
dB
2000,0
...2600,0
MHz
35,0
40,0
dB
2600,0
...3200,0
MHz
30,0
40,0
dB
3200,0
...4000,0
MHz
20,0
25,0
dB
4000,0
...6000,0
MHz
10,0
18,0
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com