Electronic Components Datasheet Search
  English  ▼

X  

B7720 Datasheet(PDF) 4 Page - EPCOS

Part # B7720
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7720 Datasheet(HTML) 4 Page - EPCOS

  B7720 Datasheet HTML 1Page - EPCOS B7720 Datasheet HTML 2Page - EPCOS B7720 Datasheet HTML 3Page - EPCOS B7720 Datasheet HTML 4Page - EPCOS B7720 Datasheet HTML 5Page - EPCOS B7720 Datasheet HTML 6Page - EPCOS B7720 Datasheet HTML 7Page - EPCOS B7720 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Jul 3, 2003
SAW Components
B7720
1960,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 50 Ω (balanced)
min.
typ.
max.
Center frequency
fC
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
... 1990,0
MHz
—
2,8
3,4*
dB
Amplitude ripple (p-p)
∆α
1930,0
... 1990,0
MHz
—
1,0
1,8
dB
Input VSWR
1930,0
... 1990,0
MHz
—
1,8
2,0
Output VSWR
1930,0
... 1990,0
MHz
—
1,8
2,0
Output phase balance (
φ(S31)−φ(S21)+180˚)
1930,0
... 1990,0
MHz
-15
—
17
˚
Output amplitude balance
(|S31/S21|)
1930,0
... 1990,0
MHz
-3,0
—
3,0
dB
Differential to common mode suppression
Ssc12
855,0
... 995,0
MHz
22,0
29,0
—
dB
1710,0
... 1930,0
MHz
20,0
25,0
—
dB
1930,0
... 1975,0
MHz
18,0
20,0
—
dB
1975,0
... 1990,0
MHz
17,0
18,0
—
dB
3420,0
... 3980,0
MHz
22,0
28,0
—
dB
Attenuation
α
DC
... 1600,0
MHz
28
33
—
dB
1600,0
... 1830,0
MHz
25
28
—
dB
1830,0
... 1910,0
MHz
10
11
—
dB
2010,0
... 2070,0
MHz
10
14
—
dB
2070,0
... 4000,0
MHz
23
25
—
dB
4000,0
... 5000,0
MHz
18
20
—
dB
5000,0
... 6000,0
MHz
16
19
—
dB
* the insertion attenuation includes also pcb losses of typ. 0,2dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com