Electronic Components Datasheet Search
  English  ▼

X  

B7723 Datasheet(PDF) 2 Page - EPCOS

Part # B7723
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7723 Datasheet(HTML) 2 Page - EPCOS

  B7723 Datasheet HTML 1Page - EPCOS B7723 Datasheet HTML 2Page - EPCOS B7723 Datasheet HTML 3Page - EPCOS B7723 Datasheet HTML 4Page - EPCOS B7723 Datasheet HTML 5Page - EPCOS B7723 Datasheet HTML 6Page - EPCOS B7723 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Feb 18, 2002
SAW Components
B7723
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
0,1
2,5
4
12
3
65
0,5
Chip sized SAW package DCS6I
Features
s
Low-loss RF filter for mobile telephone
GSM 850 systems, transmit path
s
Low amplitude ripple
s
Usable passband 25 MHz
s
Balanced to unbalanced operation
s
Impedance transformation from 200
Ω
to 50
Ω
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,014g
Pin configuration
4, 6
Balanced input
2
Unbalanced ouput
1, 3, 5
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7723
B39841-B7723-C610
C61157-A7-A76
F61074-V8112-Z000
Maximum ratings
Operable temperature range
T
– 30 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
5V
ESD
VESD
50
V
Input power max.
PIN
15
dBm
Source impedance 200
Ω
peak power of GSM 850 signal,
duty cycle 1:4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com