Electronic Components Datasheet Search
  English  ▼

X  

B7724 Datasheet(PDF) 3 Page - EPCOS

Part # B7724
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7724 Datasheet(HTML) 3 Page - EPCOS

  B7724 Datasheet HTML 1Page - EPCOS B7724 Datasheet HTML 2Page - EPCOS B7724 Datasheet HTML 3Page - EPCOS B7724 Datasheet HTML 4Page - EPCOS B7724 Datasheet HTML 5Page - EPCOS B7724 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jul 03, 2002
SAW Components
B7724
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to 80 ˚C
Terminating source impedance:
ZS = 200 Ω (balanced)
Terminating load impedance:
ZL = 50 Ω (unbalanced)
min.
typ.
max.
Center frequency
fC
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
—
2,3
2,6
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
—
0,9
1,2
dB
Balanced input return loss
824,0
... 849,0
MHz
7,0
8,0
—
dB
Unbalanced output return loss
824,0
... 849,0
MHz
7,0
8,0
—
dB
Common mode Suppression
Ssc12
0,1
... 804,0
MHz
30
50
—
dB
824,0
... 849,0
MHz
20
25
—
dB
869,0
...6000,0
MHz
30
35
—
dB
Attenuation
α
0,0
... 800,0
MHz
40
55
—
dB
869,0
... 894,0
MHz
25
36
—
dB
894,0
...1000,0
MHz
30
60
—
dB
1000,0
...3000,0
MHz
40
45
—
dB
3000,0
...4000,0
MHz
30
34
—
dB
4000,0
...6000,0
MHz
23
26
—
dB
Rx band suppression
α
869,0
... 894,0
MHz
25
36
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com