Electronic Components Datasheet Search
  English  ▼

X  

B7728 Datasheet(PDF) 4 Page - EPCOS

Part # B7728
Description  SAW Components Low-Loss Filter 2140,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7728 Datasheet(HTML) 4 Page - EPCOS

  B7728 Datasheet HTML 1Page - EPCOS B7728 Datasheet HTML 2Page - EPCOS B7728 Datasheet HTML 3Page - EPCOS B7728 Datasheet HTML 4Page - EPCOS B7728 Datasheet HTML 5Page - EPCOS B7728 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
January 18, 2005
SAW Components
B7728
2140,0 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = -30 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω unbal.
Terminating load impedance:
ZL = 100 Ω bal. || 33 nH **)
*)
TA= +25 ˚C
**) or a 0,6 nH serial inductance in each branch of the balanced output, which might be integrated
into PCB.
min.
typ.
max.
Nominal frequency
fN
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0 MHz ... 2170,0 MHz
—
2,3
2,9
dB
2110,0 MHz ... 2170,0 MHz
*)
—
2,3
2,7
dB
Amplitude ripple in passband (p-p)
∆α
2110,0 MHz ... 2170,0 MHz
—
0,6
1,0
dB
Amplitude ripple per 5MHz (p-p)
∆α
2110,0 MHz ... 2170,0 MHz
—
0,3
0,5
dB
Output phase balance (
φ(S31)−φ(S21)+180˚)
2110,0 MHz ... 2170,0 MHz
-8
-3/+3
+8
˚
Output amplitude balance
(|S31/S21|)
2110,0 MHz ... 2170,0 MHz
-1,9
-0,5/+1,2
+1,9
dB
Input VSWR
∆α
2110,0 MHz ... 2170,0 MHz
—
1,6
2,0
Output VSWR
∆α
2110,0 MHz ... 2170,0 MHz
—
1,8
2,1
Absolute attenuation
α
50,0 MHz ...
849,0 MHz
45
52
—
dB
849,0MHz ...
1350,0 MHz
40
48
—
dB
1350,0 MHz ...
1980,0 MHz
35
40
—
dB
1980,0 MHz ...
2025,0 MHz
30
34
—
dB
2025,0 MHz ...
2050,0 MHz
15
30
—
dB
2215,0 MHz ...
2255,0 MHz
15
23
—
dB
2255,0 MHz ...
2285,0 MHz
20
21
—
dB
2285,0 MHz ...
2400,0 MHz
22
25
—
dB
2400,0 MHz ...
3910,0 MHz
30
35
—
dB
3910,0 MHz ...
5645,0 MHz
40
45
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com