Electronic Components Datasheet Search
  English  ▼

X  

B7739 Datasheet(PDF) 3 Page - EPCOS

Part # B7739
Description  SAW filter 707.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7739 Datasheet(HTML) 3 Page - EPCOS

  B7739 Datasheet HTML 1Page - EPCOS B7739 Datasheet HTML 2Page - EPCOS B7739 Datasheet HTML 3Page - EPCOS B7739 Datasheet HTML 4Page - EPCOS B7739 Datasheet HTML 5Page - EPCOS B7739 Datasheet HTML 6Page - EPCOS B7739 Datasheet HTML 7Page - EPCOS B7739 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 16, 2006
B7739
707.0 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
707.0
—
MHz
Maximum insertion attenuation
α
max
704.5
...
709.5
MHz
—
2.6
3.0
dBINT1)
1) dB
INT is integrated rejection (see formula below)
dBINT =
Where Loss(Fn)=
N = Number of frequency, insertion pairs
Amplitude ripple (p-p)
∆α
704.5
...
709.5
MHz
—
0.4
2.0
dB
Return Loss (Input/Output)
704.5
...
709.5
MHz
10.0
16.0
—
Group delay ripple (p-p)
704.5
...
709.5
MHz
—
20
80
ns
Attenuation
α
0.1
...
678.0
MHz
40.0
46.0
—
dB
678.0
...
692.0
MHz
35.0
40.0
—
dB
692.0
...
698.0
MHz
30.0
40.0
—
dBINT
698.0
...
704.0
MHz
4.52)
2) 7.0dB
INT at 25˚ C
9.5
—
dBINT
710.0
...
716.0
MHz
4.53)
3) 7.0dB
INT at 25˚ C
9.0
—
dBINT
716.0
...
722.0
MHz
30.0
36.0
—
dBINT
722.0
...
738.0
MHz
29.0
34.0
—
dB
738.0
...
812.0
MHz
40.0
45.0
—
dB
812.0
...
948.0
MHz
45.0
50.0
—
dB
948.0
... 2500.0
MHz
32.0
37.0
—
dB
Loss F
n1
–
() Loss F
n
()
+
2
------------------------------------------------------------
F
n
F
n1
–
–
()
×
2
N
∑
F
N
F
1
–
--------------------------------------------------------------------------------------------------------
10
S
21 indB
() 20
⁄



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com